Part Name
         Description
MAX202E_05

 15kV ESD-Protected, +5V RS-232 Transceivers ( 25 Page)


MAXIM
100% 
Zoom Out Zoom In
 6 page
background image
6
_______________________________________________________________________________________
±15kV ESD-Protected, +5V RS-232 Transceivers
MAX203E
MAX205E
_____________________________________________________________Pin Descriptions
MAX202E/MAX232E
15
10, 11
9, 12
8, 13
Ground
19
RS-232 Driver Inputs
13, 14
7, 14
6
4, 5
RS-232 Receiver Outputs
12, 15
RS-232 Receiver Inputs
10, 17
RS-232 Driver Outputs
9, 18
-2VCC Voltage Generated by the Charge Pump
8
2
1, 3
Terminals for Negative Charge-Pump Capacitor
5, 7
+2VCC Voltage Generated by the Charge Pump
3
+4.5V to +5.5V Supply-Voltage Input
Terminals for Positive Charge-Pump Capacitor
2, 4
20
16
GND
T_IN
R_OUT
R_IN
T_OUT
V-
C2+, C2-
V+
C1+, C1-
VCC
N.C.
No Connection—Not Internally Connected
1, 6, 11, 16
__
FUNCTION
NAME
PIN
DIP/SO/TSSOP
LCC
11, 15
12, 15
Connect pins together.
C2+
NAME
14
8
+2VCC Voltage Generated by the Charge Pump
V+
SO
C1-
T_IN
R_OUT
R_IN
T_OUT
GND
VCC
C1+
C2-
V-
13
FUNCTION
14
1, 2
RS-232 Driver Inputs
Make no connection to this pin.
3, 20
RS-232 Receiver Outputs
4, 19
RS-232 Receiver Inputs
1, 2
3, 20
5, 18
RS-232 Transmitter Outputs
6, 9
Ground
7
+4.5V to +5.5V Supply-Voltage Input
13
Make no connection to this pin.
4,19
5,18
6, 9
11, 16
Connect pins together.
10, 17
-2VCC Voltage Generated by the Charge Pump. Connect pins together.
7
8
10, 16
12, 17
DIP
PIN
NAME
FUNCTION
T_OUT
RS-232 Driver Outputs
R_IN
RS-232 Receiver Inputs
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
PIN
1–4, 19
5, 10, 13, 18, 24
T_IN
TTL/CMOS Driver Inputs. Internal pullups to VCC.
GND
Ground
VCC
+4.75V to +5.25V Supply Voltage
EN
Receiver Enable—Active Low
6, 9, 14, 17, 23
7, 8, 15, 16, 22
11
12
20
SHDN
Shutdown Control—Active High
21



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX202E15kV ESD-Protected +5V RS-232 Transceivers 1 2 3 4 5 MoreMaxim Integrated Products
MAX3228E_08±15kV ESD-Protected +2.5V to +5.5V RS-232 Transceivers in UCSP and WLP 1 2 3 4 5 MoreMaxim Integrated Products
SP200_05+5V High-Speed RS-232 Transceivers with 0.1mF Capacitors 1 2 3 4 5 MoreSipex Corporation
MAX3230E_08±15kV ESD-Protected +2.5V to +5.5V RS-232 Transceivers in UCSP and WLP 1 2 3 4 5 MoreMaxim Integrated Products
ST3222E_06± 15KV ESD-protected 3 to 5.5V Low power up to 250KBps RS-232 drivers and receivers 1 2 3 4 5 MoreSTMicroelectronics
HIN202E_05±15kV ESD-Protected +5V Powered RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
SP1486E+5V 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe 1/8th Unit Load ±15kV ESD-Protected 1 2 3 4 5 MoreSipex Corporation
ST3237E_06± 15KV ESD-protected 1μA 3 to 5.5V 250Kbps RS-232 Transceiver with stand-by 1 2 3 4 5 MoreSTMicroelectronics
MAX3222E_03±15kV ESD-Protected Down to 10nA 3.0V to 5.5V Up to 1Mbps True RS-232 Transceivers 1 2 3 4 5 MoreMaxim Integrated Products
MAX3222E_06±15kV ESD-Protected Down to 10nA 3.0V to 5.5V Up to 1Mbps True RS-232 Transceivers 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl