Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR690G52 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DCR690G52
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR690G52 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button DCR690G52 Datasheet HTML 2Page - Dynex Semiconductor DCR690G52 Datasheet HTML 3Page - Dynex Semiconductor DCR690G52 Datasheet HTML 4Page - Dynex Semiconductor DCR690G52 Datasheet HTML 5Page - Dynex Semiconductor DCR690G52 Datasheet HTML 6Page - Dynex Semiconductor DCR690G52 Datasheet HTML 7Page - Dynex Semiconductor DCR690G52 Datasheet HTML 8Page - Dynex Semiconductor DCR690G52 Datasheet HTML 9Page - Dynex Semiconductor DCR690G52 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SEMICONDUCTOR
DCR470G85
9/10
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Ø57.0 MAX
Ø33.95 NOM
Ø33.95 NOM
HOLE Ø3.60 X 2.00
DEEP (IN BOTH
ELECTRODES)
3rd ANGLE PROJECTION
DO NOT SCALE
IF IN DOUBT ASK
CATHODE
GATE
ANODE
FOR PACKAGE HEIGHT
SEE TABLE
20°OFFSET (NOM.)
TO GATE TUBE
Device
Maximum
Thickness
(mm)
Minimum
Thickness
(mm)
DCR803SG18
26.415
25.865
DCR806SG28
26.49
25.94
DCR818SG48
26.84
26.17
DCR820SG65
27.1
26.55
DCR1080G22
26.415
25.865
DCR960G28
26.49
25.94
DCR780G42
26.72
26.17
DCR690G52
26.84
26.29
DCR590G65
27.1
26.55
DCR470G85
27.46
26.91
Clamping force: 11.5 kN ±10%
Lead length: 420mm
Lead terminal connector: M4 ring
Package outline type code: G
Fig.14 Package outline


Similar Part No. - DCR690G52

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DCR690G52 LUGUANG-DCR690G52 Datasheet
242Kb / 9P
   Phase Control Thyristor
logo
Dynex Semiconductor
DCR690G52 DYNEX-DCR690G52 Datasheet
196Kb / 10P
   Phase Control Thyristor
DCR690G52 DYNEX-DCR690G52 Datasheet
601Kb / 10P
   Phase Control Thyristor
DCR690G52 DYNEX-DCR690G52_15 Datasheet
601Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR690G52

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com