Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS9638DGKRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS9638DGKRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9638DGKRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS9638DGKRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 11Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 12Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 13Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 14Page - Texas Instruments SN65LVDS9638DGKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
10
1
0.1
100
Signaling Rate − Mbps
TRANSMISSION DISTANCE
vs
SIGNALING RATE
10
100
1000
5% Jitter
(see Note A)
30% Jitter
(see Note A)
24 AWG UTP 96
(PVC Dielectric)
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ZO = 100 Ω
ZO = 100 Ω
ZO = 100 Ω
ZO = 100 Ω
3.3 V
0.1
µF
(see Note A)
0.001
µF
(see Note A)
VCC
See Note B
NOTES: A. Place a 0.1-
µF and a 0.001-µF Z5U ceramic, mica, or polystyrene dielectric, 0805 size, chip capacitor between VCC and the ground
plane. The capacitors should be located as close as possible to the device terminals.
B. Unused enable inputs should be tied to VCC or GND, as appropriate.
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
The devices are generally used as building blocks for high-speed point-to-point data transmission where ground
differences are less than 1 V. Devices can interoperate with RS-422, PECL, and IEEE-P1596. Drivers/receivers
approach ECL speeds without the power and dual supply requirements.
A.
This parameter is the percentage of distortion of the unit interval (UI) with a pseudorandom data pattern.
Figure 8. Typical Transmission Distance Versus Signaling Rate
Figure 9. Typical Application Circuit Schematic
11
Submit Documentation Feedback


Similar Part No. - SN65LVDS9638DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9638DGKRG4 TI-SN65LVDS9638DGKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS9638DGKRG4 TI-SN65LVDS9638DGKRG4 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS9638DGKRG4 TI-SN65LVDS9638DGKRG4 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS9638DGKRG4 TI-SN65LVDS9638DGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED DIFFRENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS9638DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com