Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7SCR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 3Page - STMicroelectronics ST7SCR_07 Datasheet HTML 4Page - STMicroelectronics ST7SCR_07 Datasheet HTML 5Page - STMicroelectronics ST7SCR_07 Datasheet HTML 6Page - STMicroelectronics ST7SCR_07 Datasheet HTML 7Page - STMicroelectronics ST7SCR_07 Datasheet HTML 8Page - STMicroelectronics ST7SCR_07 Datasheet HTML 9Page - STMicroelectronics ST7SCR_07 Datasheet HTML 10Page - STMicroelectronics ST7SCR_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
ST7SCR
7/101
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type: I = input, O = output, S = supply
In/Output level: CT = CMOS 0.3VDD/0.7VDD with
input trigger
Output level: HS = 10mA high sink (on N-buffer
only)
Port and control configuration:
– Input:float = floating, wpu = weak pull-up, int = in-
terrupt, ana = analog
– Output: OD = open drain, PP = push-pull
Refer to “I/O PORTS” on page 32 for more details
on the software configuration of the I/O ports.
Table 2. Pin Description
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input Output
1
2
5
CRDRST
O
CT X
X
Smartcard Reset
2
NC
Not Connected
3
3
6
CRDCLK
O
CT X
X
Smartcard Clock
4
NC
Not Connected
54
7
C4
O
CT X
X
Smartcard C4
65
8
CRDIO
I/O
CT
X
X
X
Smartcard I/O
76
9
C8
O
CT X
X
Smartcard C8
8
3
GND
S
Ground
9PB0
O
CT
XX
Port B0 1)
10
PB1
O
CT
XX
Port B1 1)
11
PB2
O
CT
XX
Port B2 1)
12
PB3
O
CT
XX
Port B3 1)
13
PB4
O
CT
XX
Port B4 1)
14
PB5
O
CT
XX
Port B5 1)
15
PB6
O
CT
XX
Port B6 1)
16
PB7
O
CT
XX
Port B7 1)
17 7 10 CRDDET
I
CT
X
Smartcard Detection
18
VDD
S
Power Supply voltage 4V-5.5V
19 8 11
PA0/WAKUP2/
ICCDATA
I/O
CT
XX
X
X
Port A0
Interrupt, In-Circuit Communication
Data Input
20 9 12
PA1/WAKUP2/
ICCCLK
I/O
CT
XX
X
X
Port A1
Interrupt, In-Circuit Communication
Clock Input
21
PA2/WAKUP2
I/O
CT
XX
X
X
Port A2 1)
Interrupt
22
PA3/WAKUP2
I/O
CT
XX
X
X
Port A3 1)
Interrupt
23
PD0
O
CT
XX
Port D0 1)
24
PD1
O
CT
XX
Port D1 1)
25
PD2
O
CT
XX
Port D2 1)


Similar Part No. - ST7SCR_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7SCR1E4 STMICROELECTRONICS-ST7SCR1E4 Datasheet
1Mb / 102P
   8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
March 2003 Rev. 1.3
ST7SCR1E4M1 STMICROELECTRONICS-ST7SCR1E4M1 Datasheet
1Mb / 102P
   8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
March 2003 Rev. 1.3
ST7SCR1R4 STMICROELECTRONICS-ST7SCR1R4 Datasheet
1Mb / 102P
   8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
March 2003 Rev. 1.3
ST7SCR1R4T1 STMICROELECTRONICS-ST7SCR1R4T1 Datasheet
1Mb / 102P
   8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
March 2003 Rev. 1.3
More results

Similar Description - ST7SCR_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7SCR STMICROELECTRONICS-ST7SCR Datasheet
1Mb / 102P
   8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
March 2003 Rev. 1.3
ST7265X STMICROELECTRONICS-ST7265X Datasheet
2Mb / 166P
   LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
June 2003 Rev. 2.3
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
   Full Speed USB, 16k ISP FLASH MCU Family
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
logo
STMicroelectronics
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com