Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82498B3180J000 Datasheet(PDF) 3 Page - EPCOS

Part # B82498B3180J000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498B3180J000 Datasheet(HTML) 3 Page - EPCOS

  B82498B3180J000 Datasheet HTML 1Page - EPCOS B82498B3180J000 Datasheet HTML 2Page - EPCOS B82498B3180J000 Datasheet HTML 3Page - EPCOS B82498B3180J000 Datasheet HTML 4Page - EPCOS B82498B3180J000 Datasheet HTML 5Page - EPCOS B82498B3180J000 Datasheet HTML 6Page - EPCOS B82498B3180J000 Datasheet HTML 7Page - EPCOS B82498B3180J000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Taping and packing
Blister tape
Reel
Dimensions in mm
IND0047-U-E
2.2 max.
0.25 min.
Acrylic plastics
Welding area
Metallization
1)
0.1
1.2 _
1) This area (30% of contact area) should not be used
to assess solderability
C
B
IND0041-C
A
BC
1.1
± 0.2
3.4
± 0.4
1.1
± 0.1
Dimensions in mm
Component
1.5
+0.1
0
_
2±0.05
4±0.1
Direction of unreeling
4±0.1
IND0594-Q-E
IND0581-C
13±0.25
ø60 min.
14.4 max.
+1.5
0
8.4 _
B82498B
SMT inductors, SIMID series
SIMID 0805-B


Similar Part No. - B82498B3180J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498B3180J000 EPCOS-B82498B3180J000 Datasheet
170Kb / 8P
   SMT inductors
B82498B3180J000 EPCOS-B82498B3180J000 Datasheet
493Kb / 9P
   SMT inductors
More results

Similar Description - B82498B3180J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com