Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA116 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PGA116
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA116 Datasheet(HTML) 5 Page - Texas Instruments

  PGA116 Datasheet HTML 1Page - Texas Instruments PGA116 Datasheet HTML 2Page - Texas Instruments PGA116 Datasheet HTML 3Page - Texas Instruments PGA116 Datasheet HTML 4Page - Texas Instruments PGA116 Datasheet HTML 5Page - Texas Instruments PGA116 Datasheet HTML 6Page - Texas Instruments PGA116 Datasheet HTML 7Page - Texas Instruments PGA116 Datasheet HTML 8Page - Texas Instruments PGA116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
www.ti.com
R
SW
R
AMP
R
F
R
I
Mux
Switch
C
CH
C
AMP
V
OUT
CHx
(Input)
V
REF
Break-Before-Make
PGA112
,, PGA113
PGA116, PGA117
SBOS424 – MARCH 2008
ELECTRICAL CHARACTERISTICS: VS = AVDD = DVDD = +5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ//CL = 100pF connected to DVDD/2, and VREF = GND, unless otherwise noted.
PGA112, PGA113
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+125
°C
Thermal Resistance
θ
JA
MSOP-10
164
°C/W
DIGITAL INPUTS (SCLK, CS, DIO)
Logic Low
0
0.3DVDD
V
Input Leakage Current (SCLK and CS only)
–1
+1
µA
Weak Pull-Down Current (DIO only)
10
µA
Logic High
0.7DVDD
DVDD
V
Hysteresis
700
mV
DIGITAL OUTPUT (DIO)
Logic High
IOH = –3mA (sourcing)
DVDD – 0.4
DVDD
V
Logic Low
IOL = +3mA (sinking)
GND
GND + 0.4
V
CHANNEL AND GAIN TIMING
Channel Select Time
0.2
µs
Gain Select Time
0.2
µs
SHUTDOWN MODE TIMING
Enable Time
4.0
µs
VOUT goes high-impedance, RF and RI remain connected
Disable Time
2.0
µs
between VOUT and VREF
POWER-ON-RESET (POR) TIMING
POR Power-Up Time
DVDD ≥ 2V
40
µs
POR Power-Down Time
DVDD ≤ 1.5V
5
µs
Table 1. Frequency Response versus Gain (CL = 100pF, RL= 10kΩ)
0.1%
0.01%
0.1%
0.01%
TYPICAL
SLEW
SLEW
SETTLING
SETTLING
TYPICAL
SLEW
SLEW
SETTLING
SETTLING
–3dB
RATE-
RATE-
TIME:
TIME:
SCOPE
–3dB
RATE-
RATE-
TIME:
TIME:
BINARY
FREQUENCY
FALL
RISE
4VPP
4VPP
GAIN
FREQUENCY
FALL
RISE
4VPP
4VPP
GAIN (V/V)
(MHz)
(V/
µs)
(V/
µs)
(
µs)
(
µs)
(V/V)
(MHz)
(V/
µs)
(V/
µs)
(
µs)
(
µs)
1
10
8
3
2
2.55
1
10
8
3
2
2.55
2
3.8
9
6.4
2
2.6
2
3.8
9
6.4
2
2.6
4
2
12.8
10.6
2
2.6
5
1.8
12.8
10.6
2
2.6
8
1.8
12.8
10.6
2
2.6
10
1.8
12.8
10.6
2.2
2.6
16
1.6
12.8
12.8
2.3
2.6
20
1.3
12.8
9.1
2.3
2.8
32
1.8
12.8
13.3
2.3
3
50
0.9
9.1
7.1
2.4
3.8
64
0.6
4
3.5
3
6
100
0.38
4
3.5
4.4
7
128
0.35
2.5
2.5
4.8
8
200
0.23
2.3
2
6.9
10
Figure 1. Equivalent Input Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PGA112 PGA113


Similar Part No. - PGA116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA116 TI-PGA116 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA116 TI-PGA116 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA116 TI-PGA116 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA116AIPW TI-PGA116AIPW Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA116AIPW TI-PGA116AIPW Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com