Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-SM125 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-SM125
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SM125 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-SM125 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SM125 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SM125 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SM125 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Time to Trip at 23
°C
100
1
10
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)
MF-SM Series - PTC Resettable Fuses
MF-SM SERIES, REV. O, 02/08
Solder Reflow Recommendations
Storage Recommendations
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder reflow
• Recommended reflow methods: IR, vapor phase oven, hot air oven.
• Devices are not designed to be wave soldered to the bottom side of the
board.
• Gluing the devices is not recommended.
• Recommended maximum paste thickness is 0.25 mm (.010 inch).
• Devices can be cleaned using standard industry methods and solvents.
Note:
• If reflow temperatures exceed the recommended profile, devices may not
meet the performance requirements.
Rework
• A device should not be reworked.
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER'S
TRADEMARK
PART IDENTIFICATION
030
0A
DATE CODE -
WEEK 1 OF 2000 = 0A
(YEAR & WEEK)
WEEK 27 OF 2000 = A0
(WEEK & YEAR)
The recommended long term storage conditions for Multifuse® Polymer PTC devices are 40 °C maximum and 70 % RH maximum. All devices should
remain in the original sealed packaging prior to use. Devices may not conform with data sheet specifications if these storage recommendations are
exceeded. Devices stored in this manner have an indefinite shelf life.


Similar Part No. - MF-SM125

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM125 BOURNS-MF-SM125 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
MF-SM125 BOURNS-MF-SM125 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-SM125 BOURNS-MF-SM125 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM125 BOURNS-MF-SM125 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM125 BOURNS-MF-SM125 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-SM125

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com