Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R1H472K Datasheet(PDF) 8 Page - International Rectifier

Part # C1608X7R1H472K
Description  500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X7R1H472K Datasheet(HTML) 8 Page - International Rectifier

  C1608X7R1H472K Datasheet HTML 1Page - International Rectifier C1608X7R1H472K Datasheet HTML 2Page - International Rectifier C1608X7R1H472K Datasheet HTML 3Page - International Rectifier C1608X7R1H472K Datasheet HTML 4Page - International Rectifier C1608X7R1H472K Datasheet HTML 5Page - International Rectifier C1608X7R1H472K Datasheet HTML 6Page - International Rectifier C1608X7R1H472K Datasheet HTML 7Page - International Rectifier C1608X7R1H472K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.irf.com
8
IRDCiP2001-A
Use of this design for any application should be fully verified by the customer. International
Rectifier cannot guarantee suitability for your applications, and is not liable for any result of
usage for such applications including, without limitation, personal or property damage or
violation of third party intellectual property rights.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Fig. 8 - V
DD Rise vs. Output Timing
Fig. 9 - Enable On vs. Output Timing
Ch 1: V
DD
Ch 3: V
OUT
Ch 2: PRDY
Ch 1: ENABLE
Ch 3: V
OUT
Ch 2: PRDY


Similar Part No. - C1608X7R1H472K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608X7R1H472K TDK-C1608X7R1H472K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608X7R1H472K080AE TDK-C1608X7R1H472K080AE Datasheet
239Kb / 3P
   Multilayer Ceramic Chip Capacitors
logo
Texas Instruments
C1608X7R1H472KT TI1-C1608X7R1H472KT Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - C1608X7R1H472K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
   IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
   IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
   IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2021C-2 IRF-IRDCIP2021C-2 Datasheet
1Mb / 15P
   IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
   1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com