Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85R1001PFTN-GE1 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB85R1001PFTN-GE1
Description  1 M Bit (128 K 횞 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R1001PFTN-GE1 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB85R1001PFTN-GE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85R1001PFTN-GE1 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MB85R1001
7
(3) Power ON/OFF Sequence
(within recommended operating conditions)
3.
Pin Capacitance
(f
= 1 MHz, TA = +25 °C)
Parameter
Sym-
bol
Value
Unit
Min
Typ
Max
CE1 level hold time for Power OFF
tpd
85
⎯⎯
ns
CE1 level hold time for Power ON
tpu
85
⎯⎯
ns
Parameter
Symbol
Test Condition
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VIN
= GND
⎯⎯
10
pF
Output Capacitance
COUT
VOUT
= GND
⎯⎯
10
pF


Similar Part No. - MB85R1001PFTN-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1001PFTN-GE1 FUJITSU-MB85R1001PFTN-GE1 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
More results

Similar Description - MB85R1001PFTN-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1001 FUJITSU-MB85R1001 Datasheet
136Kb / 12P
   1 M Bit (128 K 횞 8)
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (128 K 횞 8)
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
Fujitsu Component Limit...
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com