Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28256 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M28256
Description  256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28256 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M28256 Datasheet HTML 6Page - STMicroelectronics M28256 Datasheet HTML 7Page - STMicroelectronics M28256 Datasheet HTML 8Page - STMicroelectronics M28256 Datasheet HTML 9Page - STMicroelectronics M28256 Datasheet HTML 10Page - STMicroelectronics M28256 Datasheet HTML 11Page - STMicroelectronics M28256 Datasheet HTML 12Page - STMicroelectronics M28256 Datasheet HTML 13Page - STMicroelectronics M28256 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Symbol
Alt
Parameter
Test Condition
M28256
Unit
Min
Max
tAVWL
tAS
Address Valid to Write Enable Low
E = VIL,G = VIH
0ns
tAVEL
tAS
Address Valid to Chip Enable Low
G = VIH,W= VIL
0ns
tELWL
tCES
Chip Enable Low to Write Enable Low
G = VIH
0ns
tGHWL
tOES
Output Enable High to Write Enable
Low
E= VIL
0ns
tGHEL
tOES
Output Enable High to Chip Enable Low
W = VIL
0ns
tWLEL
tWES
Write Enable Low to Chip Enable Low
G = VIH
0ns
tWLAX
tAH
Write Enable Low to Address Transition
50
ns
tELAX
tAH
Chip Enable Low to Address Transition
50
ns
tWLDV
tDV
Write Enable Low to Input Valid
E = VIL,G = VIH
1
µs
tELDV
tDV
Chip Enable Low to Input Valid
G = VIH,W= VIL
1
µs
tELEH
tWP
Chip Enable Low to Chip Enable High
50
ns
tWHEH
tCEH
Write Enable High to Chip Enable High
0
ns
tWHGL
tOEH
Write Enable High to Output Enable
Low
0ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
0
ns
tEHWH
tWEH
Chip Enable High to Write Enable High
0
ns
tWHDX
tDH
Write Enable High to Input Transition
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
100
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
ns
tWHWH
tBLC
Byte Load Repeat Cycle Time
0.15
150
µs
tWHRH
tWC
Write Cycle Time
5
ms
tEL,tWL
E or W Input Filter Pulse Width
Note 1
10
ns
tDVWH
tDS
Data Valid before Write Enable High
50
ns
tDVEH
tDS
Data Valid before Chip Enable High
50
ns
Note: 1. Characterized only but not tested in production.
Table 12. Write Mode AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
10/21
M28256


Similar Part No. - M28256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M28250 ETC1-M28250 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
M28250-001Y ETC1-M28250-001Y Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
M28258 ETC1-M28258 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
M28258-001Y ETC1-M28258-001Y Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
More results

Similar Description - M28256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
   256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
January 1999
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com