Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM422M1684RBA-5FE Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM422M1684RBA-5FE
Description  256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM422M1684RBA-5FE Datasheet(HTML) 3 Page - Eorex Corporation

  EM422M1684RBA-5FE Datasheet HTML 1Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 2Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 3Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 4Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 5Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 6Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 7Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 8Page - Eorex Corporation EM422M1684RBA-5FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
eorex
Preliminary
EM42AM1684RBA
Jul. 2006
www.eorex.com
3/19
Pin Description (Simplified)
Pin
Name
Function
45,46
CLK,/CLK
(System Clock)
Clock input active on the Positive rising edge except for DQ and
DM are active on both edge of the DQS.
CLK and /CLK are differential clock inputs.
24
/CS
(Chip Select)
/CS enables the command decoder when ”L” and disable the
command decoder when “H”.The new command are over-
Looked when the command decoder is disabled but previous
operation will still continue.
44
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
When deactivate the clock,CKE low signifies the power down or
self refresh mode.
28~32,35~42
A0~A12
(Address)
Row address (A0 to A12) and Calumn address (CA0 to CA8) are
multiplexed on the same pin.
CA10 defines auto precharge at Calumn address.
26, 27
BA0, BA1
(Bank Address)
Selects which bank is to be active.
23
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK with
/RAS “L”. Enables row access & pre-charge.
22
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the CLK
with /CAS low. Enables column access.
21
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the CLK
with /CAS low. Enables column access.
16/51
LDQS/UDQS
(Data Input/Output)
Data Inputs and Outputs are synchronized with both edge of DQS.
20/47
LDM/UDM
(Data Input/Output Mask)
DM controls data inputs.LDM corresponds to the data on
DQ0~DQ7.UDM corresponds to the data on DQ8~DQ15.
2, 4, 5, 7, 8, 10,
11, 13, 54, 56, 57,
59, 60, 62, 63, 65
DQ0~DQ15
(Data Input/Output)
Data inputs and outputs are multiplexed on the same pin.
1,18,33/
34,48,66
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
3, 9, 15, 55.61/
6, 12, 52, 58,64
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
14,17,19,25,43,
50,53
NC/RFU
(No Connection/Reserved for Future Use)
This pin is recommended to be left No Connection on the device.
49
VREF
(Input)
SSTL-2 Reference voltage for input buffer.


Similar Part No. - EM422M1684RBA-5FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM422M1684RTA-5FE EOREX-EM422M1684RTA-5FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684RTA-5FE EOREX-EM422M1684RTA-5FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684RTA-75FE EOREX-EM422M1684RTA-75FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684RTA-75FE EOREX-EM422M1684RTA-75FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684RTA-7FE EOREX-EM422M1684RTA-7FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM422M1684RBA-5FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTB EOREX-EM42AM1684RTB Datasheet
238Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com