Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42AM1684LBA-75FE Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM42AM1684LBA-75FE
Description  512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM1684LBA-75FE Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM42AM1684LBA-75FE Datasheet HTML 3Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 4Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 5Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 6Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 7Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 8Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 9Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 10Page - Eorex Corporation EM42AM1684LBA-75FE Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
eorex
EM42BM1684LBA
Jul. 2006
www.eorex.com
AC Operating Test Conditions
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
0.9V/0.9V
Output Load
See diagram as below
Input Signal Level
1.6V/0.2V
Transition Time of Input Signals
0.5ns
Input Reference Level
0.9V
AC Operating Test Characteristics
(VDD=1.8V±0.1V, TA=0°C ~70°C)
-7.5
Symbol
Parameter
Min.
Max.
Units
tDQCK
DQ output access from CLK,/CLK
2
6
ns
tDQSCK
DQS output access from CLK,/CLK
2
6
ns
tCL,tCH
CL low/high level width
0.45
0.55
tCK
tCK
Clock Cycle Time
7.5
-
ns
tDH,tDS
DQ and DM hold/setup time
0.8
-
ns
tDIPW
DQ and DM input pulse width for
each input
1.75
-
ns
tHZ,tLZ
Data out high/low impedance time
from CLK,/CLK
1
6
ns
tDQSQ
DQS-DQ skew for associated DQ
signal
-
0.65
ns
tDQSS
Write command to first latching DQS
transition
0.75
1.25
tCK
tDSL,tDSH
DQS input valid window
0.2
-
tCK
tMRD
Mode Register Set command cycle
time
2
-
tCK
tWPRES
Write Preamble setup time
0
-
ns
tWPST
Write Preamble
0.4
0.6
tCK
tIH,tIS
Address/control input hold/setup
time
1.3
-
ns
tRPRE
Read Preamble
0.9
1.1
tCK
7/20


Similar Part No. - EM42AM1684LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684LBA-75FE EOREX-EM42AM1684LBA-75FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42AM1684LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com