Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM481M3284LBA-8FE Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM481M3284LBA-8FE
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM481M3284LBA-8FE Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM481M3284LBA-8FE Datasheet HTML 7Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 8Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 9Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 10Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 11Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 12Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 13Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 14Page - Eorex Corporation EM481M3284LBA-8FE Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
11/22
AC Operating Test Characteristics (Continued)
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
-6
-75
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
ACTIVE to ACTIVE Command
Period
(Note 6)
60
75
ns
tRAS
ACTIVE to PRECHARGE
Command Period
(Note 6)
48
100k
60
100k
ns
tRP
PRECHARGE to ACTIVE
Command Period
(Note 6)
20
22.5
ns
tRCD
ACTIVE to READ/WRITE Delay
Time
(Note 6)
20
22.5
ns
tRRD
ACTIVE(one) to ACTIVE(another)
Command
(Note 6)
12
15
ns
tCCD
READ/WRITE Command to
READ/WRITE Command
1
1
CLK
tDPL
Date-in to PRECHARGE
Command
2
2
CLK
tBDL
Date-in to BURST Stop Command
1
1
CLK
CL=3
3
3
tROH
Data-out
to High
Impedance from
PRECHARGE Command
CL=2
2
2
CLK
tREF
Refresh Time (4,096 cycle)
64
64
ms
* All voltages referenced to VSS.
Note 6: These parameters account for the number of clock cycles and depend on the operating frequency
of the clock, as follows:
The number of clock cycles = Specified value of timing/clock period (Count Fractions as a whole
number)
Recommended Power On and Initialization
The following power on and initialization sequence guarantees the device is preconditioned to each user’s
specific needs. (Like a conventional DRAM) During power on, all VDD and VDDQ pins must be built up
simultaneously to the specified voltage when the input signals are held in the “NOP” state. The power on
voltage must not exceed VDD+0.3V on any of the input pins or VDD supplies. (CLK signal started at same
time)
After power on, an initial pause of 200 µs is required followed by a precharge of all banks using the
precharge command.
To prevent data contention on the DQ bus during power on, it is required that the DQM and CKE pins be
held high during the initial pause period. Once all banks have been precharged, the Mode Register Set
Command must be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR)
are also required, and these may be done before or after programming the Mode Register.


Similar Part No. - EM481M3284LBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M3244LBA-75FE EOREX-EM481M3244LBA-75FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM481M3244LBA-7FE EOREX-EM481M3244LBA-7FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM481M3244LBA-8FE EOREX-EM481M3244LBA-8FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM481M3244LBB-75FE EOREX-EM481M3244LBB-75FE Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM481M3244LBB-7FE EOREX-EM481M3244LBB-7FE Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM481M3284LBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA_09 Datasheet
298Kb / 22P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
672Kb / 19P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com