Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM488M1644VBB-75FE Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM488M1644VBB-75FE
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M1644VBB-75FE Datasheet(HTML) 2 Page - Eorex Corporation

  EM488M1644VBB-75FE Datasheet HTML 1Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 2Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 3Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 4Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 5Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 6Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 7Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 8Page - Eorex Corporation EM488M1644VBB-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
eorex
Preliminary
EM48AM1644VBC
May. 2007
www.eorex.com
Pin Assignment: BGA 54B
1
2
3
7
8
9
VSS
DQ15
VSSQ
A
VDDQ
DQ0
VDD
DQ14
DQ13
VDDQ
B
VSSQ
DQ2
DQ1
DQ12
DQ11
VSSQ
C
VDDQ
DQ4
DQ3
DQ10
DQ9
VDDQ
D
VSSQ
DQ6
DQ5
DQ8
/CS1
VSS
E
VDD
LDQM
DQ7
UDQM
CLK
CKE
F
/CAS
/RAS
/WE
NC
A11
A9
G
BA0
BA1
/CS0
A8
A7
A6
H
A0
A1
A10
VSS
A5
A4
J
A3
A2
VDD
54ball BGA / (12mm
× 8mm)
2/19


Similar Part No. - EM488M1644VBB-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB-75FE EOREX-EM488M1644VBB-75FE Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM488M1644VBB-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTG EOREX-EM48AM1684VTG Datasheet
480Kb / 20P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1644LBB EOREX-EM48AM1644LBB Datasheet
701Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTC ETC2-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTC EOREX-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com