Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42AM1684RTA-75F Datasheet(PDF) 8 Page - Eorex Corporation

Part # EM42AM1684RTA-75F
Description  256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM1684RTA-75F Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EM42AM1684RTA-75F Datasheet HTML 4Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 5Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 6Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 7Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 8Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 9Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 10Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 11Page - Eorex Corporation EM42AM1684RTA-75F Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
eorex
EM42AM1684RTA
Jul. 2006
www.eorex.com
8/19
AC Operating Test Characteristics (Continued)
(VDD=2.5V±0.2V, TA=0°C ~70°C)
-5
-6
-75
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRPST
Read Postamble
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tRAS
Active to Precharge command
period
40
70k
42
70k
45
70k
ns
tRC
Active to Active command period
55
60
65
ns
tRFC
Auto Refresh Row Cycle Time
70
72
75
ns
tRCD
Active to Read or Write delay
15
18
20
ns
tRP
Precharge command period
15
18
20
ns
tRRD
Active bank A to B command period
10
12
15
ns
tCCD
Column address to column address
delay
1
1
1
tCK
tCDLR
Last data in to Read command
2.5 tCK- tDQSS
2.5 tCK- tDQSS
2.5 tCK- tDQSS
tCK
tCDLW
Last data in to Write command
0
0
0
tCK
tDPL
Last data in to Precharge command
2
2
2
tCK
tXSNR
Exit self Refresh to non-read
command
75
75
75
ns
tXSRD
Exit self Refresh to read command
200
200
200
ns
tREFI
Average periodic refresh interval
15.6
15.6
15.6
us


Similar Part No. - EM42AM1684RTA-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA-75FE EOREX-EM42AM1684RTA-75FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42AM1684RTA-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTB EOREX-EM42AM1684RTB Datasheet
238Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com