Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6112K1600WTA-55IF Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM6112K1600WTA-55IF
Description  512Kx8 LP SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6112K1600WTA-55IF Datasheet(HTML) 4 Page - Eorex Corporation

  EM6112K1600WTA-55IF Datasheet HTML 1Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 2Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 3Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 4Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 5Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 6Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 7Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 8Page - Eorex Corporation EM6112K1600WTA-55IF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
512Kx8 LP SRAM EM6112K800V Series
4
DCC-SR-041005-A
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to Vss
VTERM
-0.5 to 4.6
V
0 to 70(C grade)
-20 to 80(E grade)
Operating Temperature
TA
-40 to 85(I grade)
°C
Storage Temperature
TSTG
-65 to 150
°C
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device
reliability.
TRUTH TABLE
MODE
CE#
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
High-Z
ICC,ICC1
Read
L
L
H
DOUT
ICC,ICC1
Write
L
X
L
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP. *5
MAX.
UNIT
Supply Voltage
Vcc
2.7
3.0
3.6
V
Input High Voltage
VIH*1
2.0
-
Vcc+
0.3
V
Input Low Voltage
VIL*2
-0.2
-
0.6
V
Input Leakage
Current
ILI
Vcc ≧ VIN ≧ Vss
-1
-
+1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
-1
-
1
µA
Output High
Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low
Voltage
VOL
IOL = 2mA
-
-
0.4
V
-45
-
40
50
mA
-55
-
30
40
mA
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
-70
-
20
30
mA
Average Operating
Power supply
Current
ICC1
Cycle time = 1µs
CE#0.2V and II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
4
5
mA
ISB
CE# = VIH
-
0.3
0.5
mA
-L
-
20
80
µA
Standby Power
Supply Current
ISB1
CE# V ≧ VCC - 0.2V
-LL
2
15
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. 10µA for special request
5. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25°C


Similar Part No. - EM6112K1600WTA-55IF

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6110 EMMICRO-EM6110 Datasheet
173Kb / 1P
   8, 4, 3, 2 & static LCD Controller and Driver Interface I2C and Serial
logo
ELAN Microelectronics C...
EM61100 EMC-EM61100 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
Emerging Memory & Logic...
EM6110FR32AW-10L EMLSI-EM6110FR32AW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6110FR32AW-10S EMLSI-EM6110FR32AW-10S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6110FR32AW-12L EMLSI-EM6110FR32AW-12L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6112K1600WTA-55IF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
White Electronic Design...
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com