Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6128K1600WBA-70IF Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM6128K1600WBA-70IF
Description  128Kx8 LP SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6128K1600WBA-70IF Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM6128K1600WBA-70IF Datasheet HTML 5Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 6Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 7Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 8Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 9Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 10Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 11Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 12Page - Eorex Corporation EM6128K1600WBA-70IF Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
128Kx8 LP SRAM EM6128K800V Series
9
DCC-SR-041004-A
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data
Retention
VDR
CE# V
V
CC
- 0.2V
1.5
-
3.6
V
-L
-
1
50
µA
-LL
-
0.5
5
µA
Data Retention
Current
IDR
VCC = 1.5V
CE# V
V
CC
- 0.2V
-LLE
-LLI
0.5
10
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (CE# controlled)
Low Vcc Data Retention Waveform (2) (CE2 controlled)
CE2
CE2 ≦ 0.2V
VIH
VIH
Vcc(min.)
VDR ≧ 1.5V
tR
tCDR
Vcc
Vcc(min.)
VIH
VIH
Vcc(min.)
VDR ≧ 1.5V
tR
tCDR
Vcc
CE#
Vcc(min.)
CE# ≧ Vcc-0.2V


Similar Part No. - EM6128K1600WBA-70IF

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61200 EMC-EM61200 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
EM Microelectronic - MA...
EM6121 EMMICRO-EM6121 Datasheet
178Kb / 1P
   26, 18, 10 & 2 MUX LCD Controller and Driver Character Generator ROM and RAM inside
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6124V1WP15E EMMICRO-EM6124V1WP15E Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6124V2WP15E EMMICRO-EM6124V2WP15E Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
More results

Similar Description - EM6128K1600WBA-70IF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com