Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42BM1684RTA-6F Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM42BM1684RTA-6F
Description  512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42BM1684RTA-6F Datasheet(HTML) 4 Page - Eorex Corporation

  EM42BM1684RTA-6F Datasheet HTML 1Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 2Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 3Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 4Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 5Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 6Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 7Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 8Page - Eorex Corporation EM42BM1684RTA-6F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
eorex
EM42BM1684RTA
Jul. 2006
www.eorex.com
4/19
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +3.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +3.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
N/A
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=2.5V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance(CLK,/CLK)
2
3
pF
CI
Input Capacitance for CKE, Address, /CS,
/RAS, /CAS, /WE
2
3
pF
CO
DM,Data&DQS Input/Output Capacitance
4
5
pF
Recommended DC Operating Conditions (TA=-0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
2.3
2.5
2.7
V
VDDQ
Power Supply Voltage (for I/O Buffer)
2.3
2.5
2.7
V
VREF
I/O Logic high Voltage
1.15
1.25
1.35
V
VTT
I/O Termination Voltage
VREF-0.04
VREF+0.04
V
VIH
Input Logic High Voltage
VREF+0.18
VDDQ+0.3
V
VIL
Input Logic Low Voltage
-0.3
VREF-0.18
V


Similar Part No. - EM42BM1684RTA-6F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684RTA-5FE EOREX-EM42BM1684RTA-5FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684RTA-75FE EOREX-EM42BM1684RTA-75FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684RTA-7FE EOREX-EM42BM1684RTA-7FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42BM1684RTA-6F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA EOREX-EM42BM1684LBA Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com