Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6112K1600WBA-55IF Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM6112K1600WBA-55IF
Description  512Kx8 LP SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6112K1600WBA-55IF Datasheet(HTML) 1 Page - Eorex Corporation

  EM6112K1600WBA-55IF Datasheet HTML 1Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 2Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 3Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 4Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 5Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 6Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 7Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 8Page - Eorex Corporation EM6112K1600WBA-55IF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
512Kx8 LP SRAM EM6112K800V Series
1
DCC-SR-041005-A
GENERAL DESCRIPTION
The EM6112K800V is a 4,194,304-bit low power CMOS static random access memory organized as
524,288 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology.
Its standby current is stable within the range of operating temperature.
The EM6112K800V is well designed for low power application, and particularly well suited for battery
back-up nonvolatile memory application.
The EM6112K800V operates from a single power supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
FEATURES
Fast access time: 45/55/70ns
Low power consumption:
Operating current:
40/30/20mA (TYP.)
Standby current: -L/-LL version
20/2µA (TYP.)
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage: 1.5V (MIN.)
Package:
32-pin 450 mil SOP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A18
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
Vcc
Power Supply
Vss
Ground
I/O DATA
CURCUIT
COLUMN I/O
CONTROL
CIRCUIT
Vcc
Vss
A0-A18
DQ0-DQ7
CE#
WE#
OE#
DECODER
512Kx8
MEMORY
ARRAY


Similar Part No. - EM6112K1600WBA-55IF

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6110 EMMICRO-EM6110 Datasheet
173Kb / 1P
   8, 4, 3, 2 & static LCD Controller and Driver Interface I2C and Serial
logo
ELAN Microelectronics C...
EM61100 EMC-EM61100 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
Emerging Memory & Logic...
EM6110FR32AW-10L EMLSI-EM6110FR32AW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6110FR32AW-10S EMLSI-EM6110FR32AW-10S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6110FR32AW-12L EMLSI-EM6110FR32AW-12L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6112K1600WBA-55IF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
White Electronic Design...
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com