Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM1644LBB-75F Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM48AM1644LBB-75F
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1644LBB-75F Datasheet(HTML) 4 Page - Eorex Corporation

  EM48AM1644LBB-75F Datasheet HTML 1Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 2Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 3Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 4Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 5Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 6Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 7Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 8Page - Eorex Corporation EM48AM1644LBB-75F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
eorex
Preliminary
EM48AM1644LBB
Jul. 2006
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +4.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
4
8
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
4
8
pF
CO
Input/Output Capacitance
6
10
pF
Recommended DC Operating Conditions (TA=0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
1.65
1.8
1.95
V
VDDQ
Power Supply Voltage (for I/O Buffer)
1.65
1.8
1.95
V
VIH
Input Logic High Voltage
0.8*VDD
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.3
V
Note: * All voltages referred to VSS.
* VIH (max.) = VDDQ +1.5V for pulse width 3ns
* VIL (min.) = -1.0V for pulse width 3ns
4/19


Similar Part No. - EM48AM1644LBB-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1644LBB-75FE EOREX-EM48AM1644LBB-75FE Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48AM1644LBB-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTG EOREX-EM48AM1684VTG Datasheet
480Kb / 20P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTC ETC2-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTC EOREX-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com