Electronic Components Datasheet Search |
|
EM481M1684VTC-7FE Datasheet(PDF) 5 Page - Eorex Corporation |
|
EM481M1684VTC-7FE Datasheet(HTML) 5 Page - Eorex Corporation |
5 / 17 page eorex EM48AM1684VTC Jan. 2009 www.eorex.com Absolute Maximum Rating Symbol Item Rating Units VIN, VOUT Input, Output Voltage -0.3 ~ +4.6 V VDD, VDDQ Power Supply Voltage -0.3 ~ +4.6 V Commercial 0 ~ +70 TOP Operating Temperature Range Extended - °C TSTG Storage Temperature Range -55 ~ +150 °C PD Power Dissipation 1 W IOS Short Circuit Current 50 mA Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is not meant to be operated under conditions outside the limits described in the operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Capacitance (VCC=3.3V, f=1MHz, TA=0~70°C) Symbol Parameter Min. Typ. Max. Units CCLK Clock Capacitance - - 4 pF CI Input Capacitance for CLK, CKE, Address, /CS, /RAS, /CAS, /WE, DQML, DQMU - - 5 pF CIO Output Capacitance - - 6.5 pF CII Input Capacitance (A0 to A12) - - 5 pF Note: Capacitance is sampled and not 100% tested. Recommended DC Operating Conditions (TA=0°C ~70°C) Symbol Parameter Min. Typ. Max. Units VDD Power Supply Voltage 3.0 3.3 3.6 V VDDQ Power Supply Voltage (for I/O Buffer) 3.0 3.3 3.6 V VIH Input Logic High Voltage 2.0 VDD+0.3 V VIL Input Logic Low Voltage -0.3 0.8 V Note: * All voltages referred to VSS. * VIH (max.) = 5.6V for pulse width 3ns * VIL (min.) = -2.0V for pulse width 3ns 5/18 |
Similar Part No. - EM481M1684VTC-7FE |
|
Similar Description - EM481M1684VTC-7FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |