Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6128K1600VFA-70IF Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM6128K1600VFA-70IF
Description  128Kx8 LP SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6128K1600VFA-70IF Datasheet(HTML) 1 Page - Eorex Corporation

  EM6128K1600VFA-70IF Datasheet HTML 1Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 2Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 3Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 4Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 5Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 6Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 7Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 8Page - Eorex Corporation EM6128K1600VFA-70IF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
128Kx8 LP SRAM EM6128K800V Series
1
DCC-SR-041004-A
GENERAL DESCRIPTION
The EM6128K800V is a 1,048,576-bit low power CMOS static random access memory organized as
131,072 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology.
Its standby current is stable within the range of operating temperature.
The EM6128K800V is well designed for low power application, and particularly well suited for battery
back-up nonvolatile memory application.
The EM6128K800V operates from a single power supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
FEATURES
Fast access time: 35/55/70ns
Low power consumption:
Operating current:
12/10/7mA (TYP.)
Standby current: -L/-LL version
20/1µA (TYP.)
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage: 1.5V (MIN.)
Package:
32-pin 450 mil SOP
32-pin 600 mil P-DIP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
Vcc
Power Supply
Vss
Ground
I/O DATA
CURCUIT
COLUMN I/O
CONTROL
CIRCUIT
Vcc
Vss
A0-A16
DQ0-DQ7
CE#
WE#
OE#
CE2
DECODER
128Kx8
MEMORY
ARRAY


Similar Part No. - EM6128K1600VFA-70IF

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61200 EMC-EM61200 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
EM Microelectronic - MA...
EM6121 EMMICRO-EM6121 Datasheet
178Kb / 1P
   26, 18, 10 & 2 MUX LCD Controller and Driver Character Generator ROM and RAM inside
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6124V1WP15E EMMICRO-EM6124V1WP15E Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6124V2WP15E EMMICRO-EM6124V2WP15E Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
More results

Similar Description - EM6128K1600VFA-70IF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com