Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM1644VBC Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM48AM1644VBC
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1644VBC Datasheet(HTML) 5 Page - Eorex Corporation

  EM48AM1644VBC Datasheet HTML 1Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 2Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 3Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 4Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 5Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 6Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 7Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 8Page - Eorex Corporation EM48AM1644VBC Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
eorex
Preliminary
EM48AM1644VBC
May. 2007
www.eorex.com
Recommended DC Operating Conditions
(VDD=3.3V±0.3V, TA=0°C ~ 70°C)
Symbol
Parameter
Test Conditions
Max.
Units
ICC1
Operating Current
(Note 1)
Burst length=1,
tRC≥tRC(min.), IOL=0mA,
One bank active
60
mA
ICC2P
CKE
≤V
IL(max.), tCK=15ns
1
mA
ICC2PS
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
1
mA
ICC2N
CKE
≥V
IL(min.), tCK=15ns,
/CS
≥V
IH(min.)
Input signals are changed
one time during 30ns
20
mA
ICC2NS
Precharge Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK= ,
Input signals are stable
2
mA
ICC3P
CKE
≤V
IL(max.), tCK=15ns
10
mA
ICC3PS
Active Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
2
mA
ICC3N
CKE
≥V
IL(min.), tCK=15ns,
/CS
≥V
IH(min.)
Input signals are changed
one time during 30ns
40
mA
ICC3NS
Active Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK= ,
Input signals are stable
20
mA
ICC4
Operating Current (Burst
Mode)
(Note 2)
tCCD≥2CLKs, IOL=0mA
70
mA
ICC5
Refresh Current
(Note 3)
tRC≥tRC(min.),
95
mA
ICC6
Self Refresh Current
CKE
≤0.2V
0.4
(Note 4)
mA
*All voltages referenced to VSS.
Note 1: ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Input signals are changed only one time during tCK (min.)
CS0/CS1 interleave for each refresh command.
Note 4: Standard power version.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
All other pins not under test=0V
-5
+5
uA
IOL
Output Leakage Current
0
≤V
O≤VDDQ, DOUT is disabled
-5
+5
uA
VOH
High Level Output Voltage
IO=-0.2mA
2.4
V
VOL
Low Level Output Voltage
IO=+0.2mA
0.4
V
5/19


Similar Part No. - EM48AM1644VBC

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1644VBA-6FE EOREX-EM48AM1644VBA-6FE Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48AM1644VBA-75FE EOREX-EM48AM1644VBA-75FE Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48AM1644VBA-7FE EOREX-EM48AM1644VBA-7FE Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48AM1644VBB-6FE EOREX-EM48AM1644VBB-6FE Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48AM1644VBB-75FE EOREX-EM48AM1644VBB-75FE Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48AM1644VBC

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTG EOREX-EM48AM1684VTG Datasheet
480Kb / 20P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1644LBB EOREX-EM48AM1644LBB Datasheet
701Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTC ETC2-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTC EOREX-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com