Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM488M1644VTC-75FE Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM488M1644VTC-75FE
Description  64Mb (1M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M1644VTC-75FE Datasheet(HTML) 4 Page - Eorex Corporation

  EM488M1644VTC-75FE Datasheet HTML 1Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 2Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 3Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 4Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 5Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 6Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 7Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 8Page - Eorex Corporation EM488M1644VTC-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
eorex
EM484M1644VTC
Dec. 2007
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +4.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
2.5
3.5
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
2.5
3.8
pF
CO
Input/Output Capacitance
4.0
6.0
pF
Recommended DC Operating Conditions (TA=-0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VDDQ
Power Supply Voltage (for I/O Buffer)
3.0
3.3
3.6
V
VIH
Input Logic High Voltage
2.0
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.8
V
Note: * All voltages referred to VSS.
* VIH (max.) = 5.6V for pulse width 3ns
* VIL (min.) = -2.0V for pulse width 3ns
4/18


Similar Part No. - EM488M1644VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VTC-75FE EOREX-EM488M1644VTC-75FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM488M1644VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com