Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM1644VTC-75FE Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM48AM1644VTC-75FE
Description  64Mb (1M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1644VTC-75FE Datasheet(HTML) 1 Page - Eorex Corporation

  EM48AM1644VTC-75FE Datasheet HTML 1Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 2Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 3Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 4Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 5Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 6Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 7Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 8Page - Eorex Corporation EM48AM1644VTC-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
eorex
EM484M1644VTC
Dec. 2007
www.eorex.com
64Mb (1M
×4Bank×16) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 3.3V
±0.3V Power Supply
• LVTTL Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 4,096 Refresh Cycles / 64ms (15.625us)
Description
The EM484M1644VTC is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
1Meg words x 4 banks by 16 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 64Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVTTL.
Available packages:TSOPII 54P 400mil.
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM484M1644VTC-7F
4M X 16
143MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM484M1644VTC-6F
4M X 16
166MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM484M1644VTC-7FE
4M X 16
143MHz @CL3
54pin TSOP(ll)
Extended
Free
EM484M1644VTC-6FE
4M X 16
166MHz @CL3
54pin TSOP(ll)
Extended
Free
* EOREX reserves the right to change products or specification without notice.
1/18


Similar Part No. - EM48AM1644VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1644VTC-75FE EOREX-EM48AM1644VTC-75FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48AM1644VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com