Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM482M3244VTA-7FE Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM482M3244VTA-7FE
Description  64Mb (512K횞4Bank횞32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM482M3244VTA-7FE Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM482M3244VTA-7FE Datasheet HTML 7Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 8Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 9Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 10Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 11Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 12Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 13Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 14Page - Eorex Corporation EM482M3244VTA-7FE Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
eorex
EM482M3244VTA
Jul. 2006
www.eorex.com
Burst Type (A3)
Burst Length
A2
A1
A0
Sequential Addressing
Interleave Addressing
X
X
0
0 1
0 1
2
X
X
0
1 0
1 0
X
0
0
0 1 2 3
0 1 2 3
X
0
1
1 2 3 0
1 0 3 2
X
1
0
2 3 0 1
2 3 0 1
4
X
1
1
3 0 1 2
3 2 1 0
0
0
0
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7
0
0
1
1 2 3 4 5 6 7 0
1 0 3 2 5 4 7 6
0
1
0
2 3 4 5 6 7 0 1
2 3 0 1 6 7 4 5
0
1
1
3 4 5 6 7 0 1 2
3 2 1 0 7 6 5 4
1
0
0
4 5 6 7 0 1 2 3
4 5 6 7 0 1 2 3
1
0
1
5 6 7 0 1 2 3 4
5 4 7 6 1 0 3 2
1
1
0
6 7 0 1 2 3 4 5
6 7 4 5 2 3 0 1
8
1
1
1
7 0 1 2 3 4 5 6
7 6 5 4 3 2 1 0
Full Page*
n
n
n
Cn Cn+1 Cn+2……
-
* Page length is a function of I/O organization and column addressing
×32 (CA0 ~ CA7):
Full page = 256bits
1. Command Truth Table
CKE
Command
Symbol
n-1
n
/CS
/RAS
/CAS
/WE
BA0,
BA1
A10
A11,
A9~A10
Ignore Command
DESL
H
X
H
X
X
X
X
X
X
No Operation
NOP
H
X
L
H
H
H
X
X
X
Burst Stop
BSTH
H
X
L
H
H
L
X
X
X
Read
READ
H
X
L
H
L
H
V
L
V
Read with Auto Pre-charge
READA
H
X
L
H
L
H
V
H
V
Write
WRIT
H
X
L
H
L
L
V
L
V
Write with Auto Pre-charge
WRITA
H
X
L
L
H
H
V
H
V
Bank Activate
ACT
H
X
L
L
H
H
V
V
V
Pre-charge Select Bank
PRE
H
X
L
L
H
L
V
L
X
Pre-charge All Banks
PALL
H
X
L
L
H
L
X
H
X
Mode Register Set
MRS
H
X
L
L
L
L
L
L
V
H = High level, L = Low level, X = High or Low level (Don't care), V = Valid data input
11/17


Similar Part No. - EM482M3244VTA-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM482M3244VTA-7FE EOREX-EM482M3244VTA-7FE Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM482M3244VTA-7FE EOREX-EM482M3244VTA-7FE Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM482M3244VTA-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM484M1644VTC EOREX-EM484M1644VTC Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com