Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48BM1644VTC-75FE Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM48BM1644VTC-75FE
Description  64Mb (1M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48BM1644VTC-75FE Datasheet(HTML) 5 Page - Eorex Corporation

  EM48BM1644VTC-75FE Datasheet HTML 1Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 2Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 3Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 4Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 5Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 6Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 7Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 8Page - Eorex Corporation EM48BM1644VTC-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
eorex
EM484M1644VTC
Dec. 2007
www.eorex.com
Recommended DC Operating Conditions
(VDD=3.3V±0.3V, TA=0°C ~ 70°C/TA=-25°C ~ +85°C for extended grade)
Symbol
Parameter
Test Conditions
Max.
Units
ICC1
Operating Current
(Note 1)
Burst length=1,
tRC≥tRC(min.), IOL=0mA,
One bank active
80
mA
ICC2P
CKE
≤V
IL(max.), tCK=15ns
1.5
mA
ICC2PS
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
1
mA
ICC2N
CKE
≥V
IL(min.), tCK=15ns,
/CS
≥V
IH(min.)
Input signals are changed
one time during 30ns
20
mA
ICC2NS
Precharge Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK= ,
Input signals are stable
10
mA
ICC3P
CKE
≤V
IL(max.), tCK=15ns
7
mA
ICC3PS
Active Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
5
mA
ICC3N
CKE
≥V
IL(min.), tCK=15ns,
/CS
≥V
IH(min.)
Input signals are changed
one time during 30ns
30
mA
ICC3NS
Active Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK= ,
Input signals are stable
20
mA
ICC4
Operating Current (Burst
Mode)
(Note 2)
tCCD≥2CLKs, IOL=0mA
100
mA
ICC5
Refresh Current
(Note 3)
tRC≥tRC(min.)
110
mA
ICC6
Self Refresh Current
CKE
≤0.2V
0.8
(Note 4)
mA
*All voltages referenced to VSS.
Note 1: ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Input signals are changed only one time during tCK (min.)
Note 4: Standard power version.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
All other pins not under test=0V
-0.5
+0.5
uA
IOL
Output Leakage Current
0
≤V
O≤VDDQ, DOUT is disabled
-0.5
+0.5
uA
VOH
High Level Output Voltage
IO=-4mA
2.4
V
VOL
Low Level Output Voltage
IO=+4mA
0.4
V
5/18


Similar Part No. - EM48BM1644VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM1644VTC-75FE EOREX-EM48BM1644VTC-75FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48BM1644VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com