Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6132K800TPA-55F Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM6132K800TPA-55F
Description  32Kx8 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6132K800TPA-55F Datasheet(HTML) 1 Page - Eorex Corporation

  EM6132K800TPA-55F Datasheet HTML 1Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 2Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 3Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 4Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 5Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 6Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 7Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 8Page - Eorex Corporation EM6132K800TPA-55F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
32Kx8 LP SRAM EM6132K800W Series
1
DCC-SR-041001-A
GENERAL DESCRIPTION
The EM6132K800W is a 262,144-bit low power CMOS static random access memory organized as
32,768 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology.
Its standby current is stable within the range of operating temperature.
The EM6132K800W is well designed for low power application, and particularly well suited for battery
back-up nonvolatile memory application.
The EM6132K800W operates from a single power supply of 2.7V ~ 5.5V and all inputs and outputs are
fully TTL compatible
FEATURES
Fast access time: 35/55/70ns
Low power consumption:
Operating current:
20/15/10mA (TYP.), VCC = 2.7 ~ 3.6V; 40/35/30mA (TYP.), VCC = 4.5 ~ 5.5V
Standby current: -L/-LL version
1/0.5µA (TYP.), VCC = 2.7 ~ 3.6V; 2/1µA (TYP.), VCC = 4.5 ~ 5.5V
Single 2.7V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage: 2.0V (MIN.)
Package: 28-pin 600 mil PDIP
28-pin 330 mil SOP
28-pin 8mm x 13.4mm STSOP
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A14
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
Vcc
Power Supply
Vss
Ground
I/O DATA
CURCUIT
COLUMN I/O
CONTROL
CIRCUIT
Vcc
Vss
A0-A14
DQ0-DQ7
CE#
WE#
OE#
DECODER
32Kx8
MEMORY
ARRAY


Similar Part No. - EM6132K800TPA-55F

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61300 EMC-EM61300 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
Emerging Memory & Logic...
EM613FP16AS-70LF EMLSI-EM613FP16AS-70LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-70LL EMLSI-EM613FP16AS-70LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-85LF EMLSI-EM613FP16AS-85LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-85LL EMLSI-EM613FP16AS-85LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6132K800TPA-55F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
Simtek Corporation
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com