Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM482M1644VTC-7FE Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM482M1644VTC-7FE
Description  64Mb (1M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM482M1644VTC-7FE Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM482M1644VTC-7FE Datasheet HTML 7Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 8Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 9Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 10Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 11Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 12Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 13Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 14Page - Eorex Corporation EM482M1644VTC-7FE Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
eorex
EM484M1644VTC
Dec. 2007
www.eorex.com
Address Input for Mode Register Set
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Operation Mode
CAS Latency
BT
Burst Length
Burst Length
Sequential
Interleave
A2
A1
A0
1
1
0
0
0
2
2
0
0
1
4
4
0
1
0
8
8
0
1
1
Reserved
Reserved
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Full Page
Reserved
1
1
1
Burst Type
A3
Interleave
1
Sequential
0
CAS Latency
A6
A5
A4
Reserved
0
0
0
Reserved
0
0
1
2
0
1
0
3
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
BA1
BA0
A11
A10
A9
A8
A7
Operation Mode
0
0
0
0
0
0
0
Normal
0
0
0
0
1
0
0
Burst Read with Single-bit Write
11/18


Similar Part No. - EM482M1644VTC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM482M1644VTC-7FE EOREX-EM482M1644VTC-7FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM482M1644VTC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com