Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6156K800TBA-70IF Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM6156K800TBA-70IF
Description  256Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6156K800TBA-70IF Datasheet(HTML) 2 Page - Eorex Corporation

  EM6156K800TBA-70IF Datasheet HTML 1Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 2Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 3Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 4Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 5Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 6Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 7Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 8Page - Eorex Corporation EM6156K800TBA-70IF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
256Kx16 LP SRAM EM6156K600V Series
2
DCC-SR-041003-A
PIN CONFIGURATION
TSOP-II
TFBGA
A
LB#
OE#
A0
A1
A2
NC
B
DQ8
UB#
A3
A4
CE#
DQ0
C
DQ9
DQ10
A5
A6
DQ1
DQ2
D
Vss
DQ11
A17
A7
DQ3
Vcc
E
Vcc
DQ12
NC
A16
DQ4
Vss
F
DQ14
DQ13
A14
A15
DQ5
DQ6
G
DQ15
NC
A12
A13
WE#
DQ7
H
NC
A8
A9
A10
A11
NC
1
2
3
4
5
6
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
A2
A1
A0
CE#
DQ0
DQ1
DQ2
DQ3
Vcc
Vss
DQ4
DQ5
DQ6
DQ7
WE#
A17
A16
A15
A14
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A5
A6
A7
OE#
UB#
LB#
DQ15
DQ14
DQ13
DQ12
Vss
Vcc
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
A12


Similar Part No. - EM6156K800TBA-70IF

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
EM6156LXES8B-4.4 EMMICRO-EM6156LXES8B-4.4 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
More results

Similar Description - EM6156K800TBA-70IF

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com