Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27W800 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27W800
Description  8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W800 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27W800 Datasheet HTML 4Page - STMicroelectronics M27W800 Datasheet HTML 5Page - STMicroelectronics M27W800 Datasheet HTML 6Page - STMicroelectronics M27W800 Datasheet HTML 7Page - STMicroelectronics M27W800 Datasheet HTML 8Page - STMicroelectronics M27W800 Datasheet HTML 9Page - STMicroelectronics M27W800 Datasheet HTML 10Page - STMicroelectronics M27W800 Datasheet HTML 11Page - STMicroelectronics M27W800 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M27W800
8/15
Table 9. Programming Mode DC Characteristics (1)
(TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.5V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 10. Programming Mode AC Characteristics (1)
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.5V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0
≤ VIN ≤ VCC
±1
µA
ICC
Supply Current
50
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.4
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –2.5mA
3.5
V
VID
A9 Voltage
11.5
12.5
V
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVPHAV
tVPS
VPP High to Address Valid
2µs
tVCHAV
tVCS
VCC High to Address Valid
2µs
tELEH
tPW
Chip Enable Program Pulse Width
45
55
µs
tEHQX
tDH
Chip Enable High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
120
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address
Transition
0ns
Programming
The M27W800 has been designed to be fully com-
patible with the M27C800 and has the same elec-
tronic signature. As a result the M27W800 can be
programmed as the M27C800 on the same pro-
gramming equipments applying 12.75V on VPP
and 6.25V on VCC by the use of the same PRES-
TO III algorithm. When delivered (and after each
erasure for UV EPROM), all bits of the M27W800
are in the ’1’ state. Data is introduced by selective-
ly programming ’0’s into the desired bit locations.
Although only ’0’s will be programmed, both ’1’s
and ’0’s can be present in the data word. The only
way to change a ’0’ to a ’1’ is by die exposure to ul-
traviolet light (UV EPROM). The M27W800 is in
the programming mode when VPP input is at
12.5V, G is at VIH and E is pulsed to VIL. The data
to be programmed is applied to 16 bits in parallel
to the data output pins. The levels required for the
address and data inputs are TTL. VCC is specified
to be 6.25V ± 0.25V.


Similar Part No. - M27W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100C6TR STMICROELECTRONICS-M27W801-100C6TR Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com