Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM1644VTC-7FE Datasheet(PDF) 8 Page - Eorex Corporation

Part # EM48AM1644VTC-7FE
Description  64Mb (1M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1644VTC-7FE Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EM48AM1644VTC-7FE Datasheet HTML 4Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 5Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 6Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 7Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 8Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 9Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 10Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 11Page - Eorex Corporation EM48AM1644VTC-7FE Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
eorex
EM484M1644VTC
Dec. 2007
www.eorex.com
Note 5.2: AC characteristics assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., following compensation should be added to the parameter.
For example:
tIS : tr/2 (CLK rising edge )+ tT/2(tf for /cas/ras/we..start edge; tr or tf for address/data pin)-1ns
tIH : tr/2 (CLK rising edge )+ tT/2(tr for /cas/ras/we..end edge; tr or tf for address/data pin)-1ns
Note 5.3: tHZ defines the time at which the output achieve the open circuit condition and is not referenced
to output voltage levels.
AC Operating Test Characteristics (Continued)
(VDD=3.3V±0.3V, TA=0°C ~70°C/TA=-25°C ~ +85°C for extended grade)
-6
-7
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
ACTIVE to ACTIVE Command
Period
(Note 6)
60
62
ns
tRAS
ACTIVE to PRECHARGE
Command Period
(Note 6)
40
100k
42
100k
ns
tRP
PRECHARGE to ACTIVE
Command Period
(Note 6)
18
18
ns
tRCD
ACTIVE to READ/WRITE Delay
Time
(Note 6)
18
18
ns
tRRD
ACTIVE(one) to ACTIVE(another)
Command
(Note 6)
12
14
ns
tCCD
READ/WRITE Command to
READ/WRITE Command
1
1
CLK
tDPL
Date-in to PRECHARGE
Command
2
2
CLK
tBDL
Date-in to BURST Stop Command
1
1
CLK
CL=3
3
3
tROH
Data-out
to High
Impedance from
PRECHARGE Command
CL=2
2
CLK
tREF
Refresh Time (4,096 cycle)
64
64
ms
* All voltages referenced to VSS.
Note 6: These parameters account for the number of clock cycles and depend on the operating frequency
of the clock, as follows:
The number of clock cycles = Specified value of timing/clock period (Count Fractions as a whole
number)
8/18


Similar Part No. - EM48AM1644VTC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1644VTC-7FE EOREX-EM48AM1644VTC-7FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48AM1644VTC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com