Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM481M3244VBA-7FE Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM481M3244VBA-7FE
Description  128Mb (1M횞4Bank횞32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM481M3244VBA-7FE Datasheet(HTML) 3 Page - Eorex Corporation

  EM481M3244VBA-7FE Datasheet HTML 1Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 2Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 3Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 4Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 5Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 6Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 7Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 8Page - Eorex Corporation EM481M3244VBA-7FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
eorex
EM484M3244VBA
Jul. 2006
www.eorex.com
Pin Description (Simplified)
Pin
Name
Function
J1
CLK
(System Clock)
Master clock input (Active on the positive rising edge)
J8
/CS
(Chip Select)
Selects chip when active
J2
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
G8,G9,F7,F3,G1,
G2,G3,H1,H2,J3,
G7,H9
A0~A11
(Address)
Row address (A0 to A11) is determined by A0 to A11 level at
the bank active command cycle CLK rising edge.
CA (CA0 to CA7) is determined by A0 to A7 level at the read or
write command cycle CLK rising edge.
And this column address becomes burst access start address.
A10 defines the pre-charge mode. When A10= High at the
pre-charge command cycle, all banks are pre-charged.
But when A10= Low at the pre-charge command cycle, only the
bank that is selected by BA is pre-charged.
J7,H8
BA0,BA1
(Bank Address)
Selects which bank is to be active.
J9
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK
with /RAS “L”. Enables row access & pre-charge.
K7
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
K8
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
K9,K1,F8,F2
DQM0~DQM3
(Data Input/Output Mask)
DQM controls I/O buffers.
R8,N7,R9,N8,P9,
M8,M7,L8,L2,M3,
M2,P1,N2,R1,N3,
R2,E8,D7,D8,B9,
C8,A9,C7,A8,A2,
C3,A1,C2,B1,D2,
D3,E2
DQ0~DQ31
(Data Input/Output)
DQ pins have the same function as I/O pins on a conventional
DRAM.
A7,F9,L7,R7/
A3,F1,L3,R3
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
B2,B7,C9,D9,E1,
L1,M9,N9,P2/B8,
B3,C1,D1,E9,L9,
M1,N1,P8
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
E3,E7,H3,H7,K2,
K3
NC
(No Connection)
This pin is recommended to be left No Connection on the
device.
3/17


Similar Part No. - EM481M3244VBA-7FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM481M3244VBA-7FE ETC2-EM481M3244VBA-7FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
logo
Eorex Corporation
EM481M3244VBA-7FE EOREX-EM481M3244VBA-7FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results

Similar Description - EM481M3244VBA-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VTA EOREX-EM484M3244VTA Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTC EOREX-EM484M3244VTC Datasheet
281Kb / 18P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
IS42S16800E-6TLI-TR ETC-IS42S16800E-6TLI-TR Datasheet
971Kb / 61P
   128Mb SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S32400F ISSI-IS42S32400F Datasheet
1Mb / 60P
   128Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M1644VTD EOREX-EM488M1644VTD Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
IS42VM81600E ISSI-IS42VM81600E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com