Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48BM1684LBA Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM48BM1684LBA
Description  512Mb (8M횞4Bank횞16) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48BM1684LBA Datasheet(HTML) 2 Page - Eorex Corporation

  EM48BM1684LBA Datasheet HTML 1Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 2Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 3Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 4Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 5Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 6Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 7Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 8Page - Eorex Corporation EM48BM1684LBA Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
eorex
EM48BM1684LBA
Jul. 2006
www.eorex.com
Pin Assignment: TFBGA 54B
1
2
3
7
8
9
VSS
DQ15
VSSQ
A
VDDQ
DQ0
VDD
DQ14
DQ13
VDDQ
B
VSSQ
DQ2
DQ1
DQ12
DQ11
VSSQ
C
VDDQ
DQ4
DQ3
DQ10
DQ9
VDDQ
D
VSSQ
DQ6
DQ5
DQ8
NC
VSS
E
VDD
LDQM
DQ7
UDQM
CLK
CKE
F
/CAS
/RAS
/WE
A12
A11
A9
G
BA0
BA1
/CS
A8
A7
A6
H
A0
A1
A10
VSS
A5
A4
J
A3
A2
VDD
54ball FBGA / (12.5mm
×10mm)
2/19


Similar Part No. - EM48BM1684LBA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48BM1684LBA-6E EOREX-EM48BM1684LBA-6E Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48BM1684LBA-6F EOREX-EM48BM1684LBA-6F Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48BM1684LBA-75E EOREX-EM48BM1684LBA-75E Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48BM1684LBA-75F EOREX-EM48BM1684LBA-75F Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48BM1684LBA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48AM3284LBA EOREX-EM48AM3284LBA Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA_09 Datasheet
298Kb / 22P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com