Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM481M1644LBA-75FE Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM481M1644LBA-75FE
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM481M1644LBA-75FE Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM481M1644LBA-75FE Datasheet HTML 3Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 4Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 5Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 6Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 7Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 8Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 9Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 10Page - Eorex Corporation EM481M1644LBA-75FE Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
eorex
EM488M1644LBA
Jul. 2006
www.eorex.com
AC Operating Test Conditions
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
0.5*VDDQ
Output Load
See diagram as below
Input Signal Level
0.8*VDDQ /0.2*VDDQ
Transition Time of Input Signals
1ns
Input Reference Level
0.5*VDDQ
AC Operating Test Characteristics
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
-10
Symbol
Parameter
Min.
Max.
Units
CL=3
9.5
CL=2
15
tCK
Clock Cycle Time
CL=1
30
ns
CL=3
7
CL=2
8
tAC
Access Time form CLK
CL=1
20
ns
tCH
CLK High Level Width
3
ns
tCL
CLK Low Level Width
3
ns
tOH
Data-out Hold Time
2
ns
tHZ
Data-out High Impedance Time
(Note 5)
7
ns
tLZ
Data-out Low Impedance Time
1
ns
tIH
Input Hold Time
1.5
ns
tIS
Input Setup Time
3
ns
* All voltages referenced to VSS.
Note 5: tHZ defines the time at which the output achieve the open circuit condition and is not referenced to
output voltage levels.
7/17


Similar Part No. - EM481M1644LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1644LBA-75FE EOREX-EM481M1644LBA-75FE Datasheet
672Kb / 19P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM481M1644LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTF EOREX-EM488M1644VTF Datasheet
651Kb / 18P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTE EOREX-EM488M1644VTE Datasheet
684Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTC EOREX-EM488M1644VTC Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB EOREX-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com