Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM428M1644RTA-5F Datasheet(PDF) 6 Page - Eorex Corporation

Part # EM428M1644RTA-5F
Description  128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM428M1644RTA-5F Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EM428M1644RTA-5F Datasheet HTML 2Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 3Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 4Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 5Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 6Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 7Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 8Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 9Page - Eorex Corporation EM428M1644RTA-5F Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
eorex
EM428M1644RTA
Apr. 2007
www.eorex.com
6/20
Recommended DC Operating Conditions
(VDD=2.5V±0.2V, TA=0°C ~ 70°C)
Symbol
Parameter
Test Conditions
Max.
Units
IDD1
Operating Current
(Note 1)
Burst length=2,
tRC≥tRC(min.), IOL=0mA,
One bank active
120
mA
IDD2P
Precharge Standby Current in
Power Down Mode
CKE≤VIL(max.), tCK=min
20
mA
IDD2N
Precharge Standby Current in
Non-power Down Mode
CKE≥VIL(min.), tCK=min,
/CS≥VIH(min.)
Input signals are changed one time
during 2 clks
45
mA
IDD3P
Active Standby Current in
Power Down Mode
CKE≤VIL(max.), tCK=min
20
mA
IDD3N
Active Standby Current in
Non-power Down Mode
CKE≥VIH(min.), tCK=min,
/CS≥VIH(min.)
Input signals are changed one time
during 2 clks
75
mA
IDD4
Operating Current (Burst
Mode)
(Note 2)
tCK ≥ tCK(min.), IOL=0mA,
All banks active
200
mA
IDD5
Refresh Current
(Note 3)
tRC≥ tRFC (min.), All banks active
195
mA
IDD6
Self Refresh Current
CKE≤0.2V
3
(Note 4)
mA
*All voltages referenced to VSS.
Note 1: IDD1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: IDD4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Min. of tRFC (Auto refresh Row Cycle Times) is shown at AC Characteristics.
Note 4: Standard power version.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Max.
Units
IIL
Input Leakage Current
0≤VI≤VDDQ, VDDQ=VDD
All other pins not under test=0V
-5
+5
uA
IOL
Output Leakage Current
0≤VO≤VDDQ, DOUT is disabled
-5
+5
uA
VOH
High Level Output Voltage
IO=-16.8mA
VTT+0.76
V
VOL
Low Level Output Voltage
IO=+16.8mA
VTT-0.76
V


Similar Part No. - EM428M1644RTA-5F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results

Similar Description - EM428M1644RTA-5F

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5DS32M4AT NANYA-NT5DS32M4AT Datasheet
3Mb / 76P
   128Mb Double Data Rate SDRAM
REV 1.0 05/2001
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com