Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM1644VTB-7FE Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM48AM1644VTB-7FE
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1644VTB-7FE Datasheet(HTML) 1 Page - Eorex Corporation

  EM48AM1644VTB-7FE Datasheet HTML 1Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 2Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 3Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 4Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 5Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 6Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 7Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 8Page - Eorex Corporation EM48AM1644VTB-7FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
eorex
EM488M1644VTB
Dec. 2006
www.eorex.com
1/17
128Mb (2M×
×
×
×
4Bank×
×
×
×
16) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 3.3V ±0.3V Power Supply
• LVTTL Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 4,096 Refresh Cycles / 64ms (15.6us)
Description
The EM488M1644VTB is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
2Meg words x 4 banks by 16 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 128Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVTTL.
Available packages:TSOPII 54P 400mil.
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM488M1644VTB-75F
8M X 16
133MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM488M1644VTB-7F
8M X 16
143MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM488M1644VTB-6F
8M X 16
166MHz @CL3
54pin TSOP(ll)
Commercial
Free
* EOREX reserves the right to change products or specification without notice.


Similar Part No. - EM48AM1644VTB-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1644VTC-6FE EOREX-EM48AM1644VTC-6FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48AM1644VTC-6FE EOREX-EM48AM1644VTC-6FE Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM48AM1644VTC-75FE EOREX-EM48AM1644VTC-75FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48AM1644VTC-75FE EOREX-EM48AM1644VTC-75FE Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM48AM1644VTC-7FE EOREX-EM48AM1644VTC-7FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48AM1644VTB-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTF EOREX-EM488M1644VTF Datasheet
651Kb / 18P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTE EOREX-EM488M1644VTE Datasheet
684Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTC EOREX-EM488M1644VTC Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com