Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48BM1644VTE-75FE Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM48BM1644VTE-75FE
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48BM1644VTE-75FE Datasheet(HTML) 4 Page - Eorex Corporation

  EM48BM1644VTE-75FE Datasheet HTML 1Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 2Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 3Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 4Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 5Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 6Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 7Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 8Page - Eorex Corporation EM48BM1644VTE-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
eorex
EM488M1644VTE
Dec. 2007
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +4.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
2.5
4
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
2.5
5
pF
CO
Input/Output Capacitance
4.0
6.5
pF
Recommended DC Operating Conditions (TA=-0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VDDQ
Power Supply Voltage (for I/O Buffer)
3.0
3.3
3.6
V
VIH
Input Logic High Voltage
2.0
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.8
V
Note: * All voltages referred to VSS.
* VIH (max.) = 5.6V for pulse width 3ns
* VIL (min.) = -2.0V for pulse width 3ns
4/17


Similar Part No. - EM48BM1644VTE-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM1644VTB-6FE EOREX-EM48BM1644VTB-6FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48BM1644VTB-75FE EOREX-EM48BM1644VTB-75FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48BM1644VTB-7FE EOREX-EM48BM1644VTB-7FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48BM1644VTC-6FE EOREX-EM48BM1644VTC-6FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48BM1644VTC-6FE EOREX-EM48BM1644VTC-6FE Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48BM1644VTE-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTF EOREX-EM488M1644VTF Datasheet
651Kb / 18P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTC EOREX-EM488M1644VTC Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB EOREX-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com