Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3101-X12R Datasheet(PDF) 10 Page - Eorex Corporation

Part # EP3101-X12R
Description  150 KHz, 3A Asynchronous Step-down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101-X12R Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EP3101-X12R Datasheet HTML 5Page - Eorex Corporation EP3101-X12R Datasheet HTML 6Page - Eorex Corporation EP3101-X12R Datasheet HTML 7Page - Eorex Corporation EP3101-X12R Datasheet HTML 8Page - Eorex Corporation EP3101-X12R Datasheet HTML 9Page - Eorex Corporation EP3101-X12R Datasheet HTML 10Page - Eorex Corporation EP3101-X12R Datasheet HTML 11Page - Eorex Corporation EP3101-X12R Datasheet HTML 12Page - Eorex Corporation EP3101-X12R Datasheet HTML 13Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
10/13
Thermal Considerations
The EP3101 is available in two packages, a 5-pin TO-220 and a 5-pin surface mount TO-263. The
TO-220 package needs a heat sink under most conditions. The size of the heatsink depends on the input
voltage, the output voltage, the load current and the ambient temperature. The EP3101 junction
temperature rises above ambient temperature for a 3A load and different input and output voltages. The
data for these curves was taken with the EP3101 (TO-220 package) operating as a buck switching
regulator in an ambient temperature of 25°C (still air). These temperature rise numbers are all
approximate and there are many factors that can affect these temperatures. Higher ambient
temperatures require more heat sinking.
The TO-263 surface mount package tab is designed to be soldered to the copper on a printed circuit
board. The copper and the board are the heat sink for this package and the other heat producing
components, such as the catch diode and inductor. The PC board copper area that the package is
soldered to should be at least 0.4 in
2, and ideally should have 2 or more square inches of 2 oz. Additional
copper area improves the thermal characteristics, but with copper areas greater than approximately 6 in
2,
only small improvements in heat dissipation are realized. If further thermal improvements are needed,
double sided, multilayer PC board with large copper areas and/or airflow are recommended.
The EP3101 (TO-263 package) junction temperature rise above ambient temperature with a 2A load for
various input and output voltages. This data was taken with the circuit operating as a buck switching
regulator with all components mounted on a PC board to simulate the junction temperature under actual
operating conditions. This curve can be used for a quick check for the approximate junction temperature
for various conditions, but be aware that there are many factors that can affect the junction temperature.
When load currents higher than 2A are used, double sided or multilayer PC boards with large copper
areas and/or airflow might be needed, especially for high ambient temperatures and high output
voltages.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board
copper should be used in the board layout. (Once exception to this is the output (switch) pin, which
should not have large areas of copper.) Large areas of copper provide the best transfer of heat (lower
thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are
many factors that will affect these numbers. Some of these factors include board size, shape, thickness,
position, location, and even board temperature. Other factors are, trace width, total printed circuit copper
area, copper thickness, single or double-sided, multilayer board and the amount of solder on the board.
The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of
other components on the board, as well as whether the surrounding air is still or moving.
Furthermore, some of these components such as the catch diode will add heat to the PC board and the
heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of
core material and the DC resistance, it could either act as a heat sink taking heat away from the board,
or it could add heat to the board.


Similar Part No. - EP3101-X12R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results

Similar Description - EP3101-X12R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
EP3102 EOREX-EP3102 Datasheet
345Kb / 10P
   150 KHz, 2A Asynchronous Step-down Converter
EP3102 EOREX-EP3102_15 Datasheet
350Kb / 10P
   150 KHz, 2A Asynchronous Step-down Converter
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
   3A, 40V Asynchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com