Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3101-X50R Datasheet(PDF) 4 Page - Eorex Corporation

Part # EP3101-X50R
Description  150 KHz, 3A Asynchronous Step-down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101-X50R Datasheet(HTML) 4 Page - Eorex Corporation

  EP3101-X50R Datasheet HTML 1Page - Eorex Corporation EP3101-X50R Datasheet HTML 2Page - Eorex Corporation EP3101-X50R Datasheet HTML 3Page - Eorex Corporation EP3101-X50R Datasheet HTML 4Page - Eorex Corporation EP3101-X50R Datasheet HTML 5Page - Eorex Corporation EP3101-X50R Datasheet HTML 6Page - Eorex Corporation EP3101-X50R Datasheet HTML 7Page - Eorex Corporation EP3101-X50R Datasheet HTML 8Page - Eorex Corporation EP3101-X50R Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
4/13
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Units
VFB
Output Feedback
4.5V<VIN<40V
0.2A<ILOAD<3A
VOUT programmed for 3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
η
Efficiency
EP3101-ADJ
VIN=12V, ILOAD=3A
73
%
VOUT
Output Voltage
4.75V<VIN<40V
0.2A<ILOAD<3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
η
Efficiency
EP3101-3.3V
VIN=12V, ILOAD=3A
73
%
VOUT
Output Voltage
7V<VIN<40V
0.2A<ILOAD<3A
4.8/4.75
5.2/5.25
V
VMIN
VMAX
η
Efficiency
EP3101-5V
VIN=12V, ILOAD=3A
80
%
VOUT
Output Voltage
15V<VIN<40V
0.2A<ILOAD<3A
11.52/11.4
12.48/12.6
V
VMIN
VMAX
η
Efficiency
EP3101-12V
VIN=15V, ILOAD=3A
90
%
P.S.
Specifications with boldface type are for full operating temperature range, the other type are for
TJ=25ºC.


Similar Part No. - EP3101-X50R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results

Similar Description - EP3101-X50R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
EP3102 EOREX-EP3102 Datasheet
345Kb / 10P
   150 KHz, 2A Asynchronous Step-down Converter
EP3102 EOREX-EP3102_15 Datasheet
350Kb / 10P
   150 KHz, 2A Asynchronous Step-down Converter
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
   3A, 40V Asynchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com