Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMMC64 Datasheet(PDF) 6 Page - Eorex Corporation

Part # ESMMC64
Description  64MB/128MB/256MB/512MB MultiMediaCard?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESMMC64 Datasheet(HTML) 6 Page - Eorex Corporation

  ESMMC64 Datasheet HTML 1Page - Eorex Corporation ESMMC64 Datasheet HTML 2Page - Eorex Corporation ESMMC64 Datasheet HTML 3Page - Eorex Corporation ESMMC64 Datasheet HTML 4Page - Eorex Corporation ESMMC64 Datasheet HTML 5Page - Eorex Corporation ESMMC64 Datasheet HTML 6Page - Eorex Corporation ESMMC64 Datasheet HTML 7Page - Eorex Corporation ESMMC64 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
64MB/128MB/256MB/512MB MultiMediaCardTM
Eorex Corporation
www.eorex.com
6/8
5. Operating Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Remark
High speed supply current
45
mA
At 20MHz, 3.6V
Minimal supply current
150
µA
At
0Hz,
3.6V
standby state
All digital inputs
(including I/O
current)
Input leakage
current
-10
10
µA
High-level output
voltage
VOH
0.75VCC
V
At min IOH
All outputs
Low-level output
voltage
VOL
0.125VCC
V
At max IOL
Input set-up time
tISU
3
ns
Inputs: CMD,
DAT(Referred to
CLK), DI(Referred to
SCLK), CS
Input hold time
VOL
3
ns
Output set-up
time
tOSU
5
ns
Outputs: CMD,
DAT(Referred to
CLK), DO(Referred
to SCLK)
Output hold time
tOH
5
ns
At tLH = 10ns


Similar Part No. - ESMMC64

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMM161VSN102MA25T CHEMI-CON-ESMM161VSN102MA25T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN102MP45T CHEMI-CON-ESMM161VSN102MP45T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN102MQ35T CHEMI-CON-ESMM161VSN102MQ35T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN102MR30T CHEMI-CON-ESMM161VSN102MR30T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN122MA25T CHEMI-CON-ESMM161VSN122MA25T Datasheet
154Kb / 11P
   Snap Mount
More results

Similar Description - ESMMC64

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
ESSDC64 EOREX-ESSDC64 Datasheet
180Kb / 6P
   64MB/128MB/256MB/512MB Secure Digital Card
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Samsung semiconductor
K9D1G08V0M SAMSUNG-K9D1G08V0M Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
M464S1724ETS SAMSUNG-M464S1724ETS Datasheet
299Kb / 15P
   64MB, 128MB Unbuffered SODIMM
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
logo
Elpida Memory
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com