Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM484M3244LBB-8FE Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM484M3244LBB-8FE
Description  256Mb (2M횞4Bank횞32) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M3244LBB-8FE Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM484M3244LBB-8FE Datasheet HTML 3Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 4Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 5Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 6Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 7Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 8Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 9Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 10Page - Eorex Corporation EM484M3244LBB-8FE Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
eorex
Preliminary
EM488M3244LBB
May. 2007
www.eorex.com
AC Operating Test Conditions
(VDD=3.3V±0.3V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
0.5*VDDQ / 0.5* VDDQ
Output Load
See diagram as below
Input Signal Level
0.9*VDDQ / /0.2V
Transition Time of Input Signals
1ns
Input Reference Level
VDDQ/2
AC Operating Test Characteristics
(VDD=3.3V±0.3V, TA=0°C ~70°C, -25°C ~ +85°C)
-7.5
Symbol
Parameter
Min.
Max.
Units
CL=3
7.5
tCK
Clock Cycle Time
CL=2
10
ns
CL=3
6
tAC
Access Time form CLK
CL=2
8
ns
tCH
CLK High Level Width
3
ns
tCL
CLK Low Level Width
3
ns
CL=3
2.2
tOH
Data-out Hold Time
CL=2
2.2
ns
CL=3
7
tHZ
Data-out High Impedance
Time
(Note 5)
CL=2
9
ns
tLZ
Data-out Low Impedance Time
1.5
ns
tIH
Input Hold Time
1.5
ns
tIS
Input Setup Time
2.5
ns
* All voltages referenced to VSS.
Note 5: tHZ defines the time at which the output achieve the open circuit condition and is not referenced to
output voltage levels.
7/19


Similar Part No. - EM484M3244LBB-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244LBA-75FE EOREX-EM484M3244LBA-75FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM484M3244LBA-7FE EOREX-EM484M3244LBA-7FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM484M3244LBA-8FE EOREX-EM484M3244LBA-8FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM484M3244LBB-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244LBA EOREX-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB EOREX-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBC EOREX-EM488M3244VBC Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M3244LBA ETC2-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB ETC2-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com