Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM488M3244LBA-75FE Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM488M3244LBA-75FE
Description  256Mb (2M횞4Bank횞32) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M3244LBA-75FE Datasheet(HTML) 4 Page - Eorex Corporation

  EM488M3244LBA-75FE Datasheet HTML 1Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 2Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 3Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 4Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 5Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 6Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 7Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 8Page - Eorex Corporation EM488M3244LBA-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
eorex
EM488M3244LBA
Jul. 2006
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.5 ~ +2.4
V
VDD, VDDQ
Power Supply Voltage
-0.5 ~ +2.4
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=1.8V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
2.0
3.5
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
2.0
3.5
pF
CO
Input/Output Capacitance
3.0
5.5
pF
Recommended DC Operating Conditions (TA=0°C ~70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
Power Supply Voltage (for I/O Buffer)
1.7
1.8
1.9
V
VIH
Input Logic High Voltage
0.8*VDD
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.3
V
Note: * All voltages referred to VSS.
* VIH (max.) = VDD+0.5V for pulse width 3ns
* VIL (min.) = VSS-1.0V for pulse width 3ns
4/19


Similar Part No. - EM488M3244LBA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM488M3244LBA-75F ETC2-EM488M3244LBA-75F Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM488M3244LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB EOREX-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBC EOREX-EM488M3244VBC Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244LBB EOREX-EM488M3244LBB Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M3244LBA ETC2-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB ETC2-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com