Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM44AM1684LBC-37FE Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM44AM1684LBC-37FE
Description  256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44AM1684LBC-37FE Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM44AM1684LBC-37FE Datasheet HTML 5Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 6Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 7Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 8Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 9Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 10Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 11Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 12Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
eorex
EM44AM1684LBC
Jul. 2006
www.eorex.com
9/29
OCD Default Setting Table
Symbol
Parameter
Min.
Typ.
Max.
Units
-
Output Impedance
12.6
18
23.4
-
Pull-up / Pull down mismatch
0
-
4
-
Output Impedance step size for
OCD calibration
0
-
1.5
-
Output Slew Rate
+1.5
-
5.0
V/ns
AC Operating Test Conditions
(VDD=1.8V ± 0.1V, TA=0°C ~85°C)
Symbol
Item
Conditions
VSWING(max)
Input Signal maximum peak to peak swing
1.0
V
SLEW
Input Signals minimum slew rate
1.0
V/ns
VREF
Input Reference Level
0.5*VDDQ
AC Operating Test Conditions(Continued)
Symbol
Parameter
Min.
Max.
Units
VID
AC differential Input Voltage
0.5
VDDQ+0.6
V
VIX
AC differential corss point Input Voltage
0.5*VDDQ - 0.175
0.5*VDDQ + 0.175
V
VOX
AC differential corss point Output Voltage
0.5*VDDQ - 0.125
0.5*VDDQ + 0.125
V
VIH
Input Logic High Voltage
VREF + 0.25
-
V
VIL
Input Logic Low Voltage
-
VREF - 0.25
V
VOH
High Level Output Voltage
VTT+0.603
-
V
VOL
Low Level Output Voltage
-
VTT-0.603
V


Similar Part No. - EM44AM1684LBC-37FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-37F EOREX-EM44AM1684LBA-37F Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-37FE EOREX-EM44AM1684LBA-37FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-3F EOREX-EM44AM1684LBA-3F Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-3FE EOREX-EM44AM1684LBA-3FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
More results

Similar Description - EM44AM1684LBC-37FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTB EOREX-EM42AM1684RTB Datasheet
238Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
logo
Eorex Corporation
EM44CM1688LBC EOREX-EM44CM1688LBC_15 Datasheet
925Kb / 29P
   Double DATA RATE 2 SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB_15 Datasheet
1Mb / 28P
   Double DATA RATE 2 SDRAM
EM44DM0888LBA EOREX-EM44DM0888LBA_15 Datasheet
755Kb / 29P
   Double DATA RATE 2 SDRAM
EM44CM0884LBA EOREX-EM44CM0884LBA_15 Datasheet
778Kb / 28P
   Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com