Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1117-D33B Datasheet(PDF) 4 Page - Eorex Corporation

Part # EP1117-D33B
Description  1A Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1117-D33B Datasheet(HTML) 4 Page - Eorex Corporation

  EP1117-D33B Datasheet HTML 1Page - Eorex Corporation EP1117-D33B Datasheet HTML 2Page - Eorex Corporation EP1117-D33B Datasheet HTML 3Page - Eorex Corporation EP1117-D33B Datasheet HTML 4Page - Eorex Corporation EP1117-D33B Datasheet HTML 5Page - Eorex Corporation EP1117-D33B Datasheet HTML 6Page - Eorex Corporation EP1117-D33B Datasheet HTML 7Page - Eorex Corporation EP1117-D33B Datasheet HTML 8Page - Eorex Corporation EP1117-D33B Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
eorex
EP1117
Jul. 2006
www.eorex.com
4/10
Electrical Characteristics (Continued)
(Note 3)
Unless otherwise noted, these specifications apply over CIN = 10μF, COUT = 10μF, and TA=0°C to 70°C.
Typical values refer to TA=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
EP1117
(VIN -VOUT)=3V,
0
≤IOUT≤1A
(Note4)
0.1
0.4
%
EP1117-18
VIN=3.25V,
0
≤IOUT≤1A
(Note4)
1
10
EP1117-25
VIN=3.95V,
0
≤IOUT≤1A
(Note4)
1
10
EP1117-33
VIN=4.75V,
0
≤IOUT≤1A
(Note4)
1
10
REGLOAD
Load
Regulation
EP1117-50
VIN=6.5V,
0
≤IOUT≤1A
(Note4)
1
15
mV
VD
Dropout Voltage
IOUT=100mA
IOUT=500mA
(Note5)
IOUT=1A
1
1.05
1.1
1.1
1.2
1.3
V
ILIMIT
Current Limit
(VIN -VOUT)=5V, TJ=25°C
1.1
A
IFB
FB Pin Current
(VIN -VOUT)=3V, IOUT=10mA
60
120
μA
∆IFB
FB Pin Current Change
10mA
≤IOUT≤1A,
1.4V
≤(VIN -VOUT)≤10.75V
0.2
5
μA
IO
Minimum Load Current
(VIN -VOUT)=10.75V
(Note6)
5
10
mA
PSRR
Ripple Rejection
fRIPPLE=120Hz, VRIPPLE=
1VP-P, (VIN -VOUT)=3V
60
75
dB
TR
Thermal Regulation
TJ=25°C, 30ms Pulse
0.01
0.02
%/W
TS
Temperature Stability
0.5
%
LS
Long-Term Stability
TJ=125°C, 1000Hrs
0.3
%
VN
RMS Output Noise
TJ=25°C, 10Hz≤F≤10KHz,
(% of VOUT)
0.003
%
θth
Thermal Resistance
Junction to case, at Tab
junction to ambient
15
°C/W
SOT-223
117
θJA
Thermal
Resistance
TO-252
Junction-to-Ambient (No
heat sink ;No air flow)
92
°C/W
OT
Over Temperature Point
150
°C
Note 3:
100% production test at +25°C. Specifications over the temperature range are guaranteed by design
and characterization.
Note 4:
See thermal regulation specifications for changes in output voltage due to heating effects. Load line
regulations are measured at a constant junction temperature by low duty cycle pulse testing.
Note 5:
Dropout voltage is specified over the full output current range of the device. Dropout voltage is
defined as the minimum input/output differential measured at the specified output current. Test
points and limits are also shown on the Dropout Voltage Curve.
Note 6:
Minimum load current is defined as the minimum output current required to maintain regulation.


Similar Part No. - EP1117-D33B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117-18 ETC1-EP1117-18 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-25 ETC1-EP1117-25 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-33 ETC1-EP1117-33 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-ADJ ETC1-EP1117-ADJ Datasheet
245Kb / 8P
   1A Low Dropout Regulator
More results

Similar Description - EP1117-D33B

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com