Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48BM3244VBA-75FE Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM48BM3244VBA-75FE
Description  256Mb (2M쨈4Bank쨈32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48BM3244VBA-75FE Datasheet(HTML) 5 Page - Eorex Corporation

  EM48BM3244VBA-75FE Datasheet HTML 1Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 2Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 3Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 4Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 5Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 6Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 7Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 8Page - Eorex Corporation EM48BM3244VBA-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
eorex
EM488M3244VBA
Jul. 2006
www.eorex.com
5/17
Recommended DC Operating Conditions
(VDD=3.3V
±0.3V, T
A=0°C ~70°C)
Symbol
Parameter
Test Conditions
Max.
Units
ICC1
Operating Current
(Note 1)
Burst length=1,
tRC≥tRC(min.), IOL=0mA,
One bank active
125
mA
ICC2P
CKE
≤V
IL(max.), tCK=15ns
3
mA
ICC2PS
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
2
mA
ICC2N
CKE
≥V
IL(min.), tCK=15ns,
/CS
≥V
IH(min.)
Input signals are changed
one time during 30ns
20
mA
ICC2NS
Precharge Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK= ,
Input signals are stable
9
mA
ICC3P
CKE
≤V
IL(max.), tCK=15ns
4
mA
ICC3PS
Active Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
3
mA
ICC3N
CKE
≥V
IL(min.), tCK=15ns,
/CS
≥V
IH(min.)
Input signals are changed
one time during 30ns
45
mA
ICC3NS
Active Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK= ,
Input signals are stable
30
mA
ICC4
Operating Current (Burst
Mode)
(Note 2)
tCCD
≥2CLKs, I
OL=0mA
150
mA
ICC5
Refresh Current
(Note 3)
tRC≥tRC(min.)
270
mA
ICC6
Self Refresh Current
CKE
≤0.2V
3
(Note 4)
mA
*All voltages referenced to VSS.
Note 1: ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Input signals are changed only one time during tCK (min.)
Note 4: Standard power version.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
All other pins not under test=0V
-1
+1
uA
IOL
Output Leakage Current
0
≤V
O≤VDDQ, DOUT is disabled
-1.5
+1.5
uA
VOH
High Level Output Voltage
IO=-2mA
2.4
V
VOL
Low Level Output Voltage
IO=+2mA
0.4
V


Similar Part No. - EM48BM3244VBA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM48BM3244VBA-75FE ETC2-EM48BM3244VBA-75FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
logo
Eorex Corporation
EM48BM3244VBA-75FE EOREX-EM48BM3244VBA-75FE Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM48BM3244VBA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM488M3244VBA ETC2-EM488M3244VBA_06 Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com