Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1084K50R Datasheet(PDF) 6 Page - Eorex Corporation

Part # EP1084K50R
Description  5A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084K50R Datasheet(HTML) 6 Page - Eorex Corporation

  EP1084K50R Datasheet HTML 1Page - Eorex Corporation EP1084K50R Datasheet HTML 2Page - Eorex Corporation EP1084K50R Datasheet HTML 3Page - Eorex Corporation EP1084K50R Datasheet HTML 4Page - Eorex Corporation EP1084K50R Datasheet HTML 5Page - Eorex Corporation EP1084K50R Datasheet HTML 6Page - Eorex Corporation EP1084K50R Datasheet HTML 7Page - Eorex Corporation EP1084K50R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
6/8
VOUT= VREF ×
+
R1
R2
1+IFBR2
Load Regulation
Since the EP1084 is only a 3 terminal device, it is not possible to provide true remote sensing of the
output voltage at the load. The best load regulation is achieved when the bottom side of R2 is connected
to the load and the top-side of R1 resistor is connected directly to the case or the VOUT pin of the
regulator and not to the load. It is important to note that for high current applications, this can re-present
a significant percentage of the overall load regulation and one must keep the path from the regulator to
the load as short as possible to minimize this effect.
Stability
The EP1084 requires the use of an output capacitor as part of the frequency compensation in order to
make the regulator stable. For most applications a minimum of 10uF aluminum electrolytic capacitor
insures both stability and good transient response.
Thermal Design
The EP1084 incorporates an internal thermal shutdown that protects the device when the junction
temperature exceeds the maximum allowable junction temperature. Although this device can operate
with junction temperatures in the range of 150°C, it is recommended that the selected heat sink be
chosen such that during maximum continuous load operation the junction temperature is kept below the
temperature.
Layout Consideration
The output capacitors must be located as close to the VOUT terminal of the device as possible. It is
recommended to use a section of a layer of the PC board as a plane to connect the VOUT pin to the
output capacitors to prevent any high frequency oscillation that may result due to excessive trace
inductance.


Similar Part No. - EP1084K50R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
   5A Low Dropout Linear Regulator
More results

Similar Description - EP1084K50R

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com