Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM44AM1684LBA-5F Datasheet(PDF) 10 Page - Eorex Corporation

Part # EM44AM1684LBA-5F
Description  256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44AM1684LBA-5F Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EM44AM1684LBA-5F Datasheet HTML 6Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 7Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 8Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 9Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 10Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 11Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 12Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 13Page - Eorex Corporation EM44AM1684LBA-5F Datasheet HTML 14Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
eorex
EM44AM1684LBA
Jul. 2006
www.eorex.com
AC Operating Test Characteristics
(VDD=1.8V±0.1V, TA=0°C ~85°C)
-3
-37
-5
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tDQCK
DQ output access from
CLK,/CLK
-0.45
+0.45
-0.5
+0.5
-0.6
+0.6
ns
tDQSCK
DQS output access time from
CLK,/CLK
-0.4
+0.4
-0.45
+0.45
-0.5
+0.5
ns
tCL,tCH
CL low/high level width
0.45
0.55
0.45
0.55
0.45
0.55
tCK
tCK
Clock Cycle Time
3
8
3.75
8
5
8
ns
tDS
DQ and DM setup time
0.1
-
0.1
-
0.15
-
ns
tDH
DQ and DM hold time
0.18
-
0.23
-
0.28
-
ns
tDIPW
DQ and DM input pulse width
for each input
0.35
-
0.35
-
0.35
-
tCK
tHZ
Data out high impedance time
from CLK,/CLK
-
+0.45
-
+0.5
-
+0.6
ns
tLZ
Data out low impedance time
from CLK,/CLK
-0.45
+0.45
-0.5
+0.5
-0.6
+0.6
ns
tDQSQ
DQS-DQ skew for associated
DQ signal
-
0.24
-
0.3
-
0.35
ns
tQSH
Data hold skew factor
-
0.34
-
0.4
-
0.45
ns
tDQSS
Write command to first
latching DQS transition
-0.25
+0.25
-0.25
+0.25
-0.25
+0.25
tCK
tDQSL,tDQSH
DQS Low/High input pulse
width
0.35
-
0.35
-
0.35
-
tCK
tDSL,tDSH
DQS input valid window
0.2
-
0.2
-
0.2
-
tCK
tMRD
Mode Register Set command
cycle time
2
-
2
-
2
-
tCK
tWPRES
Write Preamble setup time
0
-
0
-
0
-
ns
tWPRE
Write Preamble
0.35
-
0.35
-
0.35
-
tCK
tWPST
Write Postamble
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tIS
Address/control input setup
time
0.2
-
0.25
-
0.35
-
ns
tIH
Address/control input hold
time
0.28
-
0.38
-
0.48
-
ns
tRPRE
Read Preamble
0.9
1.1
0.9
1.1
0.9
1.1
tCK
10/29


Similar Part No. - EM44AM1684LBA-5F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC-37F EOREX-EM44AM1684LBC-37F Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC-37FE EOREX-EM44AM1684LBC-37FE Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC-3F EOREX-EM44AM1684LBC-3F Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC-3FE EOREX-EM44AM1684LBC-3FE Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
More results

Similar Description - EM44AM1684LBA-5F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTB EOREX-EM42AM1684RTB Datasheet
238Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
logo
Eorex Corporation
EM44CM1688LBC EOREX-EM44CM1688LBC_15 Datasheet
925Kb / 29P
   Double DATA RATE 2 SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB_15 Datasheet
1Mb / 28P
   Double DATA RATE 2 SDRAM
EM44DM0888LBA EOREX-EM44DM0888LBA_15 Datasheet
755Kb / 29P
   Double DATA RATE 2 SDRAM
EM44CM0884LBA EOREX-EM44CM0884LBA_15 Datasheet
778Kb / 28P
   Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com