Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76827QDG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS76827QDG4
Description  FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76827QDG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76827QDG4 Datasheet HTML 1Page - Texas Instruments TPS76827QDG4 Datasheet HTML 2Page - Texas Instruments TPS76827QDG4 Datasheet HTML 3Page - Texas Instruments TPS76827QDG4 Datasheet HTML 4Page - Texas Instruments TPS76827QDG4 Datasheet HTML 5Page - Texas Instruments TPS76827QDG4 Datasheet HTML 6Page - Texas Instruments TPS76827QDG4 Datasheet HTML 7Page - Texas Instruments TPS76827QDG4 Datasheet HTML 8Page - Texas Instruments TPS76827QDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
_
+
Vref = 1.1834 V
OUT
FB/NC
EN
GND
PG
_
+
IN
External to the device
R1
R2
_
+
Vref = 1.1834 V
OUT
EN
GND
R1
R2
_
+
IN
PG
TPS768xxQ
SLVS211L – JUNE 1999 – REVISED JANUARY 2006
FUNCTIONAL BLOCK DIAGRAM—Adjustable Version
FUNCTIONAL BLOCK DIAGRAM—Fixed-Voltage Version
Terminal Functions
SOIC-8 (D)
TSSOP-20 (PWP)
NAME
PIN NO.
PIN NO.
DESCRIPTION
GND
1
3
Regulator ground
GND/HSINK
1, 2, 9-12, 19, 20
Regulator ground and heatsink
NC
4, 8, 17, 18
No connect
EN
2
5
Enable input
IN
3, 4
6, 7
Input voltage
OUT
5, 6
13, 14
Regulated output voltage
FB/NC
7
15
Feedback input voltage for adjustable device (no connect for fixed options)
PG
8
16
PG output
4
Submit Documentation Feedback


Similar Part No. - TPS76827QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76827QDG4 TI-TPS76827QDG4 Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76827QDG4 TI-TPS76827QDG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76827QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com