Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48BM3244VBC-7FE Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM48BM3244VBC-7FE
Description  256Mb (2M횞4Bank횞32) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48BM3244VBC-7FE Datasheet(HTML) 1 Page - Eorex Corporation

  EM48BM3244VBC-7FE Datasheet HTML 1Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 2Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 3Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 4Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 5Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 6Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 7Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 8Page - Eorex Corporation EM48BM3244VBC-7FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
eorex
Preliminary
EM488M3244VBC
May. 2007
www.eorex.com
256Mb (2M
×4Bank×32) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 2.7V ~ 3.6V Power Supply
• LVCMOS Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• Deep Power Down Mode.
• Auto Refresh and Self Refresh
• Special Function Support.
– PASR (Partial Array Self Refresh)
– Auto TCSR (Temperature Compensated Self
Refresh)
• Programmable Driver Strength Control
– Full Strength or 1/2, 1/4 of Full Strength
• 4,096 Refresh Cycles / 64ms (15.625us)
Description
The EM488M3244VBC is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
2Meg words x 4 banks by 32 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 256Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVCMOS.
Available packages: BGA-90B (13mmx8mm).
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM488M3244VBC-75F
8M X 32
133MHz @CL3
BGA-90B
Commercial
Free
EM488M3244VBC-75FE
8M X 32
133MHz @CL3
BGA-90B
Extend temp. Free
* EOREX reserves the right to change products or specification without notice.
1/19


Similar Part No. - EM48BM3244VBC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM3244VBA-6FE EOREX-EM48BM3244VBA-6FE Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48BM3244VBA-75FE ETC2-EM48BM3244VBA-75FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
logo
Eorex Corporation
EM48BM3244VBA-75FE EOREX-EM48BM3244VBA-75FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48BM3244VBA-75FE EOREX-EM48BM3244VBA-75FE Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48BM3244VBA-7FE ETC2-EM48BM3244VBA-7FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results

Similar Description - EM48BM3244VBC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244LBA EOREX-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB EOREX-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244LBB EOREX-EM488M3244LBB Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M3244LBA ETC2-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB ETC2-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com